Electronic Components Datasheet Search
  English  ▼

X  

OPA818 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA818
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818 Datasheet(HTML) 1 Page - Texas Instruments

  OPA818 Datasheet HTML 1Page - Texas Instruments OPA818 Datasheet HTML 2Page - Texas Instruments OPA818 Datasheet HTML 3Page - Texas Instruments OPA818 Datasheet HTML 4Page - Texas Instruments OPA818 Datasheet HTML 5Page - Texas Instruments OPA818 Datasheet HTML 6Page - Texas Instruments OPA818 Datasheet HTML 7Page - Texas Instruments OPA818 Datasheet HTML 8Page - Texas Instruments OPA818 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Photodiode Capacitance, CD (pF)
0
2
4
6
8
10
12
14
16
18
20
5
10
100
D100
RF = 20 k:
RF = 50 k:
RF = 100 k:
RF = 500 k:
OPA818
THS4541
V
REF1
V
BIAS
V
REF2
+
±
100 k
ADC
C
F
R
G1
R
G2
R
F1
R
F2
+
±
V
CM
+5 V
5 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA818
SBOS940A – MAY 2019 – REVISED MARCH 2020
OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
1
1 Features
1
•
High speed:
–
Gain-bandwidth product: 2.7 GHz
–
Bandwidth (G = 7 V/V): 765 MHz
–
Large-signal bandwidth (2 VPP): 400 MHz
–
Slew rate: 1400 V/µs
•
Decompensated gain: 7-V/V stable
•
Low noise:
–
Input voltage noise: 2.2 nV/
√Hz
–
Input current noise: 3 fA/
√Hz (f = 10 kHz)
•
Input bias current: 4 pA (typical)
•
Low input capacitance:
–
Common-mode: 1.9 pF
–
Differential mode: 0.5 pF
•
Low distortion (G = 7 V/V, RL = 1 kΩ, VO = 2 VPP):
–
HD2, HD3 at 1 MHz: –104 dBc, –108 dBc
–
HD2, HD3 at 50 MHz: –57 dBc, –72 dBc
•
Wide supply range: 6 V to 13 V
•
Output swing: 8 VPP (VS = 10 V)
•
Supply current: 27.7 mA
•
Shutdown supply current: 27 µA
•
Performance upgrade to OPA657
2 Applications
•
Wideband transimpedance amplifiers (TIAs)
•
Wafer scanning equipment
•
Optical communication modules
•
High-speed data acquisition (DAQ)
•
Active probes
•
Optical time-domain reflectometry (OTDR)
•
Test and measurement front-ends
•
Medical and chemical analyzers
High-Speed Optical Front-End
3 Description
The OPA818 is a decompensated, voltage-feedback
operational
amplifier
for
high-speed
and
wide
dynamic range applications. OPA818 has a low-noise
junction gate field-effect transistor (JFET) input stage
that combines high gain-bandwidth with a wide supply
range from 6 V to 13 V. The fast slew rate of
1400 V/µs provides high large-signal bandwidth and
low distortion. This amplifier is manufactured using
Texas Instruments' proprietary, high-speed, silicon-
germanium (SiGe) process to achieve significant
performance improvements over other high-speed,
FET-input amplifiers.
The OPA818 is an extremely versatile, wideband TIA
photodiode amplifier for use in optical test and
communication
equipment,
and
many
medical,
scientific, and industrial instruments. The OPA818
showcases 2.7 GHz gain-bandwidth, low 2.4 pF total
input capacitance, and 2.2 nV/
√Hz input noise. The
OPA818 can achieve over 85-MHz signal bandwidth
in TIA configuration with 20-kΩ TIA gain (RF) and
0.5-pF photodiode capacitance (CD) with wide output
swings. The decompensated, low-noise architecture
with pico amperes of input bias current is also well-
suited
for
high-gain
test
and
measurement
applications. Though normally stable in gains
≥ 7 V/V,
the OPA818 can be used in applications with lower
gains by applying noise-gain shaping techniques (see
Non-Inverting Gain of 2 V/V).
The OPA818 is available in an 8-lead WSON
package with an exposed thermal pad for heat
dissipation. This device is specified to operate over
the industrial temperature range of –40°C to +85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA818
WSON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Photodiode Capacitance vs 3-dB Bandwidth


Similar Part No. - OPA818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA818 TI1-OPA818 Datasheet
641Kb / 27P
2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
OPA818 TI1-OPA818 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA818 TI-OPA818 Datasheet
1Mb / 25P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
OPA818 TI-OPA818 Datasheet
2Mb / 30P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED DECEMBER 2022
OPA818 TI-OPA818 Datasheet
1Mb / 29P
OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
APRIL 2023
More results

Similar Description - OPA818

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
OPA445 TI1-OPA445_16 Datasheet
905Kb / 25P
High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA657-DIE TI1-OPA657-DIE Datasheet
94Kb / 5P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com