Electronic Components Datasheet Search
  English  ▼

X  

OPA818 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA818
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818 Datasheet(HTML) 5 Page - Texas Instruments

  OPA818 Datasheet HTML 1Page - Texas Instruments OPA818 Datasheet HTML 2Page - Texas Instruments OPA818 Datasheet HTML 3Page - Texas Instruments OPA818 Datasheet HTML 4Page - Texas Instruments OPA818 Datasheet HTML 5Page - Texas Instruments OPA818 Datasheet HTML 6Page - Texas Instruments OPA818 Datasheet HTML 7Page - Texas Instruments OPA818 Datasheet HTML 8Page - Texas Instruments OPA818 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
OPA818
www.ti.com
SBOS940A – MAY 2019 – REVISED MARCH 2020
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Long-term continuous current for electromigration limits.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, (VS+) – (VS–)
13.5
V
Differential input voltage
±5
Common-mode input voltage
VS– – 0.5
VS– + 10
Output voltage
VS– – 0.5
VS+ + 0.5
Current
Continuous input current
±10
mA
Continuous output current(2)
25
Continuous current in feedback pin(2)
13
Temperature
Junction, TJ
125
°C
Operating free-air, TA
–40
85
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, allpins(1)
±2500
V
Charged device model (CDM), per JEDEC specificationJESD22-C101, all pins(2)
±1000
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VS
Single-supply voltage
6
10
13
V
TA
Ambient temperature
–40
25
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
OPA818
UNIT
DRG (SON)
8 PINS
RθJA
Junction-to-ambient thermal resistance
54.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.0
°C/W
RθJB
Junction-to-board thermal resistance
27.2
°C/W
ΨJT
Junction-to-top characterization parameter
1.8
°C/W
ΨJB
Junction-to-board characterization parameter
27.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
11.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com