Electronic Components Datasheet Search
  English  ▼

X  

OPA818 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA818
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA818 Datasheet HTML 4Page - Texas Instruments OPA818 Datasheet HTML 5Page - Texas Instruments OPA818 Datasheet HTML 6Page - Texas Instruments OPA818 Datasheet HTML 7Page - Texas Instruments OPA818 Datasheet HTML 8Page - Texas Instruments OPA818 Datasheet HTML 9Page - Texas Instruments OPA818 Datasheet HTML 10Page - Texas Instruments OPA818 Datasheet HTML 11Page - Texas Instruments OPA818 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Frequency (Hz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1M
10M
100M
D007
G = 7 V/V, RF = 301 :
G = 10 V/V, RF = 301 :
G = 20 V/V, RF = 301 :
G = 100 V/V, RF = 3.01 k:
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D008
TA = 40qC
TA = 25qC
TA = 85qC
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D005
G = 7 V/V
G = 10 V/V
G = 20 V/V
G = 50 V/V
G = 100 V/V
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D006
G = 7 V/V
G = 10 V/V
G = 20 V/V
Frequency (Hz)
-12
-9
-6
-3
0
3
1M
10M
100M
1G
D001
G = 7 V/V, RF = 301 :
G = 10 V/V, RF = 301 :
G = 20 V/V, RF = 301 :
G = 50 V/V, RF = 3.01 k:
G = 100 V/V, RF = 3.01 k:
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
10M
100M
1G
D002
G = 7 V/V
G = 10 V/V
G = 20 V/V
8
OPA818
SBOS940A – MAY 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.6 Typical Characteristics: VS = ±5 V
At TA ≈ 25°C, VS+ = +5 V, VS– = –5 V, closed-loop gain (G) = 7 V/V, VCM = mid-supply, RF = 301 Ω, RL = 100 Ω to mid-supply,
small-signal VO = 100 mVPP, large-signal VO = 2 VPP (unless otherwise noted).
VO = 100 mVPP
Figure 1. Non-Inverting Small-Signal Frequency Response
VO = 100 mVPP
Figure 2. Inverting Small-Signal Frequency Response
VO = 2 VPP
Figure 3. Non-Inverting Large-Signal Frequency Response
VO = 2 VPP
Figure 4. Inverting Large-Signal Frequency Response
Figure 5. Gain Flatness vs Frequency
Figure 6. Non-Inverting Small-Signal Frequency Response
Over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com