Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 172 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 172 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 168Page - Texas Instruments TDA2SA Datasheet HTML 169Page - Texas Instruments TDA2SA Datasheet HTML 170Page - Texas Instruments TDA2SA Datasheet HTML 171Page - Texas Instruments TDA2SA Datasheet HTML 172Page - Texas Instruments TDA2SA Datasheet HTML 173Page - Texas Instruments TDA2SA Datasheet HTML 174Page - Texas Instruments TDA2SA Datasheet HTML 175Page - Texas Instruments TDA2SA Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 427 page
background image
172
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
–
Grey shaded areas show valid transition times for supplies between VOPR MIN and VOFF.
–
Dashed horizontal lines are not valid ramp times but show alternate transition times based upon common sources and clarified in
associated note.
–
Dashed vertical lines show approximate elapse times based upon TI recommended PMIC power-down sequencer circuit
performance.
(4) porz signals must be asserted low for 100 µs min to ensure SoC is set to a safe functional state before any voltage begins to ramp
down.
(5) vddshv* domains supplied by 3.3 V:
–
must remain greater than 2.7 V to enable Dual Voltage GPIO selector circuit operation for 100 µs min after porz is asserted low.
–
must be in first group of supplies ramping down after porz has been asserted low for 100 µs min.
–
must not exceed vdds18v by more than 2 V during ramp down, see Figure 5-7 “vdds18v and vdda_* Discharge Relationship”.
(6) vddshv* domains supplied by 1.8 V:
–
must ramp down concurrently with vdds18v and be sourced from the same vdds18v supply.
(7) vddshv8 domain:
–
must be in first group of supplies to ramp down after porz has been asserted low for 100 µs min.
–
if SDIO operation is needed, must be sourced from independent power resource that can provide dual voltage (3.3 V / 1.8 V)
operation as required to be compliant to SDIO specification
–
if SDIO operation is not needed, must be grouped and ramped down with other vddshv* domains as noted above.
(8) RTC domains (vddshv5, vdd_rtc, and vdda_rtc):
–
If RTC mode is used:
–
rtc_porz can be asserted low before porz and RTC domains can be ramped down after 100 µs elapsed time.
–
must be sourced from independent supplies and must not be combined with other rails.
–
timing diagram shows this mode of operation.
–
If RTC mode is not used, then:
–
rtc_porz must be connected to porz signal.
–
vddshv5 must be grouped and ramped down with other vddshv* domains as noted above.
–
vdd_rtc must be grouped and ramped down with vdd.
–
vdda_rtc must be grouped and ramped down with either VDDA_PHY group or vdds18v.
(9) vdda_* domains:
–
should not be combined with vdds18v for best performance to avoid transient switching noise impacts on analog domains.
–
can ramp down before or concurrently with vdds18v.
–
must satisfy the vdds18v and vdda_* Discharge Relationship (see Figure 5-7) if vdda_* disable point is later or discharge rate is
slower than vdds18v.
–
can ramp down before, concurrently or after vdds_ddr*, there is no dependency between these supplies.
(10) vdda33v_usb* domains:
–
can start ramping down 100 µs after low assertion of porz
–
can ramp down concurrently or before VDDA_PHY group
(11) vdd_dspeve, vdd_gpu, vdd_iva, vdd_mpu domains can ramp down before or concurrently with vdd.
(12) vdd can ramp down concurrently or after with vdd_dspeve, vdd_gpu, vdd_iva, vdd_mpu domains.
(13) vdds_ddr* domains:
–
should ramp down after vdd begins ramping down.
–
If DDR2 memory is used (requiring 1.8 V supply):
–
then vdds_ddr* can be combined with vdds18v and vdds18v_ddr* domains and sourced from a common supply. Accordingly, all
domains can ramp down concurrently with vdds18v
–
if vdds_ddr* and vdds18v_ddr* are combined but kept separate from vdds18v, then the combined 1.8 V DDR supply can ramp
down before or concurrently with vdds18v
(14) vdds18v domain:
–
should maintain VOPR MIN (VNOM -5% = 1.71 V) until all other supplies start to ramp down.
–
must satisfy the vdds18v versus vddshv[1-7, 9-11] Discharge Relationship (see Figure 5-5) if vddshv* is operating at 3.3 V
–
must satisfy the vdds18v and vdds_ddr* Discharge Relationship (see Figure 5-6) if vdds_ddr* discharge rate is slower than vdds18v.
Figure 5-4 describes the RTC-mode Power Sequencing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com