Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 174 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 174 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 170Page - Texas Instruments TDA2SA Datasheet HTML 171Page - Texas Instruments TDA2SA Datasheet HTML 172Page - Texas Instruments TDA2SA Datasheet HTML 173Page - Texas Instruments TDA2SA Datasheet HTML 174Page - Texas Instruments TDA2SA Datasheet HTML 175Page - Texas Instruments TDA2SA Datasheet HTML 176Page - Texas Instruments TDA2SA Datasheet HTML 177Page - Texas Instruments TDA2SA Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 427 page
background image
vdds18v
vdds_ddr1, vdds_ddr2
SPRS85v_ELCH_04
V1
V2
T1
vddshv1, vddshv2, vddshv3,
vddshv4, vddshv6, vddshv7,
vddshv9, vddshv10, vddshv11,
vddshv8
(Note 2)
vdds18v
Vdelta
(Note1)
SPRS85v_ELCH_06
174
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(3) vdd must ramp down after or at the same time as vdd_mpu, vdd_gpu, vdd_dspeve and vdd_iva.
(4) vdd_mpu, vdd_gpu, vdd_dspeve, vdd_iva can be ramped at the same time or can be staggered.
(5) vdd must ramp up before or at the same time as vdd_mpu, vdd_gpu, vdd_dspeve and vdd_iva.
(6) If any of the vddshv[1-7,9-11] rails (not including vddshv8) are used as 1.8V only, then these rails can be combined with vdds18v.
(7) vddshv8 is separated out to show support for dual voltage. If single voltage is used then vddshv8 can be combined with other vddshvn
rails but vddshv8 must ramp down before vdd and must ramp up after vdd.
(8) If any of the vddshv[1-7,9-11] rails (not including vddshv8) are used as 1.8V only, then these rails can be combined with vdds18v.
vddshv[1-7,9-11] is allowed to ramp down at either of the two points shown in the timing diagram in either 1.8V mode or in 3.3V mode. If
vddshv[1-7,9-11] ramps down at the later time in the diagram then the board design must ensure that the vddshvn rail is never higher
than 2.0 V above the vdds18v rail.
(9) vddshv8 is separated out to show support for dual voltage. If a dedicated LDO/supply source is used for vddshv8, then vddshv8 ramp
down should occur at one of the two earliest points in the timing diagram. If vddshv8 is powered by the same supply source as the other
vddshvn rails, then it is allowed to ramp down at either of the last two points in the timing diagram.
Figure 5-5 describes vddshv[1-7,9-11] Supplies Falling Before vdds18v Supplies Delta.
Figure 5-5. vdds18v versus vddshv[1-7, 9-11] Discharge Relationship
(1) Vdelta MAX = 2V
(2) If vddshv8 is powered by the same supply source as the other vddshv[1-7,9-11] rails.
If vdds18v and vdds_ddr* are disabled at the same time due to a loss of input power event or if vdds_ddr*
discharges more slowly than vdds18v, analysis has shown no reliability impacts when the elapsed time
period beginning with vdds18v dropping below 1.0 V and ending with vdds_ddr* dropping below 0.6 V is
less than 10 ms (Figure 5-6).
Figure 5-6. vdds18v and vdds_ddr* Discharge Relationship(1)
(1) V1 > 1.0 V; V2 < 0.6V; T1 < 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com