Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 185 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 185 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 181Page - Texas Instruments TDA2SA Datasheet HTML 182Page - Texas Instruments TDA2SA Datasheet HTML 183Page - Texas Instruments TDA2SA Datasheet HTML 184Page - Texas Instruments TDA2SA Datasheet HTML 185Page - Texas Instruments TDA2SA Datasheet HTML 186Page - Texas Instruments TDA2SA Datasheet HTML 187Page - Texas Instruments TDA2SA Datasheet HTML 188Page - Texas Instruments TDA2SA Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 427 page
background image
Device
rtc_osc_xo
rtc_osc_xi_clkin32
NC
SPRS85v_CLK_11
CL=
C C
f1
2
f
(C +C )
2
f1
f
185
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 6-11. Load Capacitance Equation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 6-9 summarizes
the required electrical constraints.
Table 6-9. RTC Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
32.768
kHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2)
Crystal ESR
80
kΩ
CO
Crystal shunt capacitance
5
pF
LM
Crystal motional inductance for fp = 32,768 kHz
10.7
mH
CM
Crystal motional capacitance
2.2
fF
tj(rtc_osc_xi_clkin32)
Frequency accuracy, rtc_osc_xi_clkin32
±200
ppm
When selecting a crystal, the system design must take into account the temperature and aging
characteristics of a crystal versus the user environment and expected lifetime of the system.
Table 6-10 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 6-10. Oscillator Switching Characteristics—Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
32.768
kHz
tsX
Start-up time
4
ms
6.1.4.2
RTC Oscillator Input Clock
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillator to provide the
FUNC_32K_CLK clock input to the system. The external connections to support this are shown in
Figure 6-12. The rtc_osc_xi_clkin32 pin is connected to the 1.8-V LVCMOS-Compatible clock sources.
The rtc_osc_xo pin is left unconnected.
Figure 6-12. LVCMOS-Compatible Clock Input
Table 6-11 summarizes the RTC Oscillator input clock electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com