Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 189 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 189 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 185Page - Texas Instruments TDA2SA Datasheet HTML 186Page - Texas Instruments TDA2SA Datasheet HTML 187Page - Texas Instruments TDA2SA Datasheet HTML 188Page - Texas Instruments TDA2SA Datasheet HTML 189Page - Texas Instruments TDA2SA Datasheet HTML 190Page - Texas Instruments TDA2SA Datasheet HTML 191Page - Texas Instruments TDA2SA Datasheet HTML 192Page - Texas Instruments TDA2SA Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 427 page
background image
189
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 6-13. DPLL Type A Characteristics (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
prelock-F
Relock time—Phase lock(5)
(fast relock time from bypass)
3.55 + 120 ×
REFCLK
µs
DPLL in fast relock time:
lowcurrstdby = 0
(1) The minimum frequencies on CLKOUT and CLKOUTX2 are assuming M2 = 1.
For M2 > 1, the minimum frequency on these clocks will further scale down by factor of M2.
(2) The maximum frequencies on CLKOUT and CLKOUTX2 are assuming M2 = 1.
(3) The minimum frequency on CLKOUTHIF is assuming M3 = 1. For M3 > 1, the minimum frequency on this clock will further scale down
by factor of M3.
(4) The maximum frequency on CLKOUTHIF is assuming M3 = 1.
(5) Relock time assumes typical operating conditions, 10°C maximum temperature drift.
(6) Bypass mode: fCLKOUT = FINP if ulowclken = 0. For more information, see the Device TRM.
Table 6-14. DPLL Type B Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
finput
CLKINP input clock frequency
0.62
60
MHz
FINP
finternal
REFCLK internal reference
clock frequency
0.62
2.5
MHz
[1 / (N + 1)] × FINP
fCLKINPULOW
CLKINPULOW bypass input
clock frequency
0.001
600
MHz
Bypass mode: fCLKOUT =
fCLKINPULOW / (M1 + 1) If
ulowclken = 1(4)
fCLKLDOOUT
CLKOUTLDO output clock
frequency
20(1)(5)
2500(2)(5)
MHz
M / (N + 1)] × FINP × [1 / M2]
(in locked condition)
fCLKOUT
CLKOUT output clock
frequency
20(1)(5)
1450(2)(5)
MHz
[M / (N + 1)] × FINP × [1 / M2]
(in locked condition)
fCLKDCOLDO
Internal oscillator (DCO) output
clock frequency
750(5)
1500(5)
MHz
[M / (N + 1)] × FINP (in locked
condition)
1250(5)
2500(5)
MHz
tJ
CLKOUTLDO period jitter
–2.5%
2.5%
The period jitter at the output
clocks is ± 2.5% peak to peak
CLKOUT period jitter
CLKDCOLDO period jitter
tlock
Frequency lock time
350 ×
REFCLKs
µs
plock
Phase lock time
500 ×
REFCLKs
µs
trelock-L
Relock time—Frequency lock(3)
(LP relock time from bypass)
9 + 30 ×
REFCLKs
µs
prelock-L
Relock time—Phase lock(3) (LP
relock time from bypass)
9 + 125 ×
REFCLKs
µs
(1) The minimum frequency on CLKOUT is assuming M2 = 1.
For M2 > 1, the minimum frequency on this clock will further scale down by factor of M2.
(2) The maximum frequency on CLKOUT is assuming M2 = 1.
(3) Relock time assumes typical operating conditions, 10°C maximum temperature drift.
(4) Bypass mode: fCLKOUT = FINP if ULOWCLKEN = 0. For more information, see the Device TRM.
(5) For output clocks, there are two frequency ranges according to the SELFREQDCO setting. For more information, see the Device TRM.
6.3.2
DLL Characteristics
Table 6-15 summarizes the DLL characteristics and assumes testing over recommended operating
conditions.
Table 6-15. DLL Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
finput
Input clock frequency (EMIF_DLL_FCLK)
266
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com