Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 222 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 222 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 218Page - Texas Instruments TDA2SA Datasheet HTML 219Page - Texas Instruments TDA2SA Datasheet HTML 220Page - Texas Instruments TDA2SA Datasheet HTML 221Page - Texas Instruments TDA2SA Datasheet HTML 222Page - Texas Instruments TDA2SA Datasheet HTML 223Page - Texas Instruments TDA2SA Datasheet HTML 224Page - Texas Instruments TDA2SA Datasheet HTML 225Page - Texas Instruments TDA2SA Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
222
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-22. Manual Functions Mapping for DSS VOUT2 IOSET1 (continued)
BAL
L
BALL NAME
VOUT2_IOSET1_MANUAL
1
VOUT2_IOSET1_MANUAL
2
VOUT2_IOSET1_MANUAL
3
VOUT2_IOSET1_MANUAL
4
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
4
G1
vin2a_hsync
0
2958
0
1059
0
4035
0
4905
0
CFG_VIN2A_HSYNC0_OUT
vout2_hsync
G6
vin2a_vsync
0
2752
0
853
0
3829
0
4699
0
CFG_VIN2A_VSYNC0_OUT
vout2_vsync
Manual IO Timings Modes must be used to ensure some IO timings for VOUT2. See Table 7-2 Modes Summary for a list of IO timings requiring
the use of Manual IO Timings Modes. See Table 7-23 Manual Functions Mapping for DSS VOUT2 IOSET2 for a definition of the Manual modes.
Table 7-23 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers.
Table 7-23. Manual Functions Mapping for DSS VOUT2 IOSET2
BALL
BALL NAME
VOUT2_IOSET2_MANUAL
1
VOUT2_IOSET2_MANUAL
2
VOUT2_IOSET2_MANUAL
3
VOUT2_IOSET2_MANUAL
4
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
6
E21
gpio6_14
1547
30
0
0
2298
0
3168
0
CFG_GPIO6_14_OUT
vout2_hsync
F20
gpio6_15
1773
31
209
0
2484
0
3354
0
CFG_GPIO6_15_OUT
vout2_vsync
F21
gpio6_16
1547
27
33
0
2345
0
3215
0
CFG_GPIO6_16_OUT
vout2_fld
B14
mcasp1_aclk
r
3738
2
2636
0
4925
0
5795
0
CFG_MCASP1_ACLKR_OUT
vout2_d0
G13
mcasp1_axr
2
2846
4
1730
0
4003
0
4873
0
CFG_MCASP1_AXR2_OUT
vout2_d2
J11
mcasp1_axr
3
2831
17
1498
0
3771
0
4541
0
CFG_MCASP1_AXR3_OUT
vout2_d3
E12
mcasp1_axr
4
3009
5
1879
0
4152
0
5022
0
CFG_MCASP1_AXR4_OUT
vout2_d4
F13
mcasp1_axr
5
3009
9
1802
0
4075
0
4945
0
CFG_MCASP1_AXR5_OUT
vout2_d5
C12
mcasp1_axr
6
2875
2
1792
0
4065
0
4935
0
CFG_MCASP1_AXR6_OUT
vout2_d6
D12
mcasp1_axr
7
2893
7
1717
0
3991
0
4861
0
CFG_MCASP1_AXR7_OUT
vout2_d7
J14
mcasp1_fsr
2729
13
1466
0
3739
0
4609
0
CFG_MCASP1_FSR_OUT
vout2_d1
E15
mcasp2_aclk
r
3753
13
2488
0
4761
0
5631
0
CFG_MCASP2_ACLKR_OUT
vout2_d8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com