Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 225 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 225 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 221Page - Texas Instruments TDA2SA Datasheet HTML 222Page - Texas Instruments TDA2SA Datasheet HTML 223Page - Texas Instruments TDA2SA Datasheet HTML 224Page - Texas Instruments TDA2SA Datasheet HTML 225Page - Texas Instruments TDA2SA Datasheet HTML 226Page - Texas Instruments TDA2SA Datasheet HTML 227Page - Texas Instruments TDA2SA Datasheet HTML 228Page - Texas Instruments TDA2SA Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
225
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 7-24. Manual Functions Mapping for DSS VOUT3 (continued)
BALL
BALL NAME
VOUT3_MANUAL1
VOUT3_MANUAL2
VOUT3_MANUAL3
VOUT3_MANUAL4
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
3
4
AG3
vin1a_d10
3026
270
1038
622
4228
0
5098
0
CFG_VIN1A_D10_OUT
-
vout3_d13
AG5
vin1a_d11
2711
203
1141
0
3867
0
4737
0
CFG_VIN1A_D11_OUT
-
vout3_d12
AF2
vin1a_d12
2924
539
1154
0
4422
0
5292
0
CFG_VIN1A_D12_OUT
-
vout3_d11
AF6
vin1a_d13
2861
235
1339
0
3815
0
4685
0
CFG_VIN1A_D13_OUT
-
vout3_d10
AF3
vin1a_d14
3176
377
892
0
4559
0
5429
0
CFG_VIN1A_D14_OUT
-
vout3_d9
AF4
vin1a_d15
2806
232
1221
89
3755
0
4625
0
CFG_VIN1A_D15_OUT
-
vout3_d8
AF1
vin1a_d16
2402
396
692
0
3873
0
4743
0
CFG_VIN1A_D16_OUT
-
vout3_d7
AE3
vin1a_d17
2132
374
353
0
3860
0
4730
0
CFG_VIN1A_D17_OUT
-
vout3_d6
AE5
vin1a_d18
2547
284
1109
0
3857
0
4727
0
CFG_VIN1A_D18_OUT
-
vout3_d5
AE1
vin1a_d19
2095
575
640
180
3929
0
4799
0
CFG_VIN1A_D19_OUT
-
vout3_d4
AG7
vin1a_d2
2546
189
1273
0
3806
0
4476
0
CFG_VIN1A_D2_OUT
vout3_d5
vout3_d21
AE2
vin1a_d20
1825
735
628
0
3552
0
4622
0
CFG_VIN1A_D20_OUT
-
vout3_d3
AE6
vin1a_d21
2720
210
1322
0
4021
0
4891
0
CFG_VIN1A_D21_OUT
-
vout3_d2
AD2
vin1a_d22
2361
413
746
0
3659
0
4729
0
CFG_VIN1A_D22_OUT
-
vout3_d1
AD3
vin1a_d23
2731
273
1547
0
3775
0
4845
0
CFG_VIN1A_D23_OUT
-
vout3_d0
AH6
vin1a_d3
2534
219
1357
0
3890
0
4760
0
CFG_VIN1A_D3_OUT
vout3_d4
vout3_d20
AH3
vin1a_d4
3015
538
2033
19
4585
0
5455
0
CFG_VIN1A_D4_OUT
vout3_d3
vout3_d19
AH5
vin1a_d5
2451
237
1039
0
3572
0
4442
0
CFG_VIN1A_D5_OUT
vout3_d2
vout3_d18
AG6
vin1a_d6
2505
191
1230
0
3763
0
4433
0
CFG_VIN1A_D6_OUT
vout3_d1
vout3_d17
AH4
vin1a_d7
2550
170
1235
0
3768
0
4638
0
CFG_VIN1A_D7_OUT
vout3_d0
vout3_d16
AG4
vin1a_d8
2847
285
1219
0
3850
0
4720
0
CFG_VIN1A_D8_OUT
-
vout3_d15
AG2
vin1a_d9
2857
247
1113
256
3900
0
4770
0
CFG_VIN1A_D9_OUT
-
vout3_d14
AD9
vin1a_de0
3164
0
1494
0
3728
0
4848
0
CFG_VIN1A_DE0_OUT
vout3_d17
vout3_de
AF9
vin1a_fld0
0
1100
1718
869
261
384
261
384
CFG_VIN1A_FLD0_OUT
-
vout3_clk
AE9
vin1a_hsync
0
3171
41
1439
0
3798
0
4668
0
CFG_VIN1A_HSYNC0_OU
T
-
vout3_hsync
AF8
vin1a_vsync
0
2956
110
1268
88
3610
0
4480
0
CFG_VIN1A_VSYNC0_OUT
-
vout3_vsync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com