Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 264 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 264 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 260Page - Texas Instruments TDA2SA Datasheet HTML 261Page - Texas Instruments TDA2SA Datasheet HTML 262Page - Texas Instruments TDA2SA Datasheet HTML 263Page - Texas Instruments TDA2SA Datasheet HTML 264Page - Texas Instruments TDA2SA Datasheet HTML 265Page - Texas Instruments TDA2SA Datasheet HTML 266Page - Texas Instruments TDA2SA Datasheet HTML 267Page - Texas Instruments TDA2SA Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
264
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-44. Manual Functions Mapping for QSPI
BALL
BALL NAME
QSPI_MODE0_MANUAL1
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
1
T7
gpmc_a3
114
0
CFG_GPMC_A3_OUT
qspi1_cs2
P6
gpmc_a4
91
0
CFG_GPMC_A4_OUT
qspi1_cs3
R3
gpmc_a13
0
0
CFG_GPMC_A13_IN
qspi1_rtclk
T2
gpmc_a14
2575
966
CFG_GPMC_A14_IN
qspi1_d3
U2
gpmc_a15
2503
889
CFG_GPMC_A15_IN
qspi1_d2
U1
gpmc_a16
2528
1007
CFG_GPMC_A16_IN
qspi1_d0
U1
gpmc_a16
0
0
CFG_GPMC_A16_OUT
qspi1_d0
P3
gpmc_a17
2533
980
CFG_GPMC_A17_IN
qspi1_d1
R2
gpmc_a18
590
0
CFG_GPMC_A18_OUT
qspi1_sclk
P2
gpmc_cs2
0
0
CFG_GPMC_CS2_OUT
qspi1_cs0
P1
gpmc_cs3
70
0
CFG_GPMC_CS3_OUT
qspi1_cs1
7.16 Multichannel Audio Serial Port (McASP)
The multichannel audio serial port (McASP) functions as a general-purpose audio serial port optimized for the needs of multichannel audio
applications. The McASP is useful for time-division multiplexed (TDM) stream, Inter-Integrated Sound (I2S) protocols, and inter-component digital
audio interface transmission (DIT).
The device have integrated 8 McASP modules (McASP1-McASP8) with:configure the desired virtual
•
McASP1 and McASP2 modules supporting 16 channels with independent TX/RX clock/sync domain
•
McASP3 through McASP8 modules supporting 4 channels with independent TX/RX clock/sync domain
NOTE
For more information, see the Multichannel Audio Serial Port section of the Device TRM.
CAUTION
The IO Timings provided in this section are only valid for some McASP usage modes when the corresponding Virtual IO
Timings or Manual IO Timings are configured as described in the tables found in this section.
Table 7-45, Table 7-46, Table 7-47 and Figure 7-34 present Timing Requirements for McASP1 to McASP8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com