Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 166 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 166 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 162Page - Texas Instruments TDA2SXABC Datasheet HTML 163Page - Texas Instruments TDA2SXABC Datasheet HTML 164Page - Texas Instruments TDA2SXABC Datasheet HTML 165Page - Texas Instruments TDA2SXABC Datasheet HTML 166Page - Texas Instruments TDA2SXABC Datasheet HTML 167Page - Texas Instruments TDA2SXABC Datasheet HTML 168Page - Texas Instruments TDA2SXABC Datasheet HTML 169Page - Texas Instruments TDA2SXABC Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 427 page
background image
166
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-17. Dual Voltage LVCMOS DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
1.8-V Mode
VIH
Input high-level threshold
0.65*VDDS
V
VIL
Input low-level threshold
0.35*VDDS
V
VHYS
Input hysteresis voltage
100
mV
VOH
Output high-level threshold (IOH = 2 mA)
VDDS-0.45
V
VOL
Output low-level threshold (IOL = 2 mA)
0.45
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or
VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
16
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
16
µA
IIN with pulldown
enabled
Input current at each I/O pin with weak pulldown
enabled measured when PAD = VDDS
50
120
210
µA
IIN with pullup
enabled
Input current at each I/O pin with weak pullup
enabled measured when PAD = 0
60
120
200
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω
3.3-V Mode
VIH
Input high-level threshold
2
V
VIL
Input low-level threshold
0.8
V
VHYS
Input hysteresis voltage
200
mV
VOH
Output high-level threshold (IOH = 100 µA)
VDDS-0.2
V
VOL
Output low-level threshold (IOL = 100 µA)
0.2
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or
VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
65
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
65
µA
IIN with pulldown
enabled
Input current at each I/O pin with weak pulldown
enabled measured when PAD = VDDS
40
100
200
µA
IIN with pullup
enabled
Input current at each I/O pin with weak pullup
enabled measured when PAD = 0
10
100
290
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω
(1) VDDS stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Table 4-
2, POWER [11] column.
5.7.11 SATAPHY DC Electrical Characteristics
NOTE
The SATA module is compliant with the electrical parameters specified in the SATA-IO SATA
Specification, Revision 3.2, August 7, 2013.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com