Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 169 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 169 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 165Page - Texas Instruments TDA2SXABC Datasheet HTML 166Page - Texas Instruments TDA2SXABC Datasheet HTML 167Page - Texas Instruments TDA2SXABC Datasheet HTML 168Page - Texas Instruments TDA2SXABC Datasheet HTML 169Page - Texas Instruments TDA2SXABC Datasheet HTML 170Page - Texas Instruments TDA2SXABC Datasheet HTML 171Page - Texas Instruments TDA2SXABC Datasheet HTML 172Page - Texas Instruments TDA2SXABC Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 427 page
background image
SPRS85v_ELCH_01
vdds18v, vdds_mlbp, vdds18v_ddr1,
vdds18v_ddr2
vdda_abe_per, vdda_ddr, vdda_debug,
vdda_dsp_eve, vdda_gmac_core, vdda_gpu,
vdda_iva, vdda_video, vdda_mpu, vdda_osc
(VDDA_PLL Group)
vdds_ddr2, vdds_ddr1, ddr1_vref0,
ddr2_vref0
vdd
vdd_mpu
vdd_iva
vdd_gpu
vdd_dspeve
vdda_usb1, vdda_usb2, vdda_hdmi,
vdda_pcie, vdda_pcie0, vdda_pcie1,
vdda_sata, vdda_usb3
(VDDA_PHY Group)
vddshv1, vddshv2, vddshv3, vddshv4,
vddshv6, vddshv7, vddshv9,
vddshv10, vddshv11
vdda33v_usb1, vdda33v_usb2
vddshv8
xi_osc0
rtc_porz
resetn/porz
sysboot[15:0]
rstoutn
Note 15
Note 16
Note 13
Note 10
Note 12
VD_CORE BOOT voltage
VD_MPU BOOT voltage
VD_IVA BOOT voltage
VD_GPU BOOT voltage
VD_DSPEVE BOOT voltage
Valid Config
Note 14
vdda_rtc
vddshv5
vdd_rtc
Note 17
T0 T1 T2 T3
T4
T5 T6 T7
T8
T9
Note 4
Note 5
Note 4
Note 6
Note 7
Note 8
Note 9
Note 4
Note 11
169
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 5-2. Recommended Power-Up Sequencing
(1) Time stamps:
–
T0 = 0 ms; T1 = 0.55 ms; T2 = 1.1 ms; T3 = 1.65 ms; T4 = 2.2 ms; T5 = 2.75 ms; T6 = 3.3 ms; T7 = 5.85 ms; T8 = 6.4 ms; T9 = 8.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com