Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 171 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 171 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 167Page - Texas Instruments TDA2SXABC Datasheet HTML 168Page - Texas Instruments TDA2SXABC Datasheet HTML 169Page - Texas Instruments TDA2SXABC Datasheet HTML 170Page - Texas Instruments TDA2SXABC Datasheet HTML 171Page - Texas Instruments TDA2SXABC Datasheet HTML 172Page - Texas Instruments TDA2SXABC Datasheet HTML 173Page - Texas Instruments TDA2SXABC Datasheet HTML 174Page - Texas Instruments TDA2SXABC Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 427 page
background image
vdds18v, vdds_mlbp, vdds18v_ddr1,
vdds18v_ddr2
vdda_abe_per, vdda_ddr, vdda_debug,
vdda_dsp_eve, vdda_gmac_core,
vdda_gpu, vdda_iva, vdda_video,
vdda_mpu, vdda_osc
(VDDA_PLL Group)
vdda_usb1, vdda_usb2, vdda_hdmi, vdda_pcie,
vdda_pcie0, vdda_pcie1, vdda_sata, vdda_usb3
(VDDA_PHY Group)
vdds_ddr1,
ddr1_vref0, ddr2_vref0
vdds_ddr2,
vdd
vdd_mpu
vdd_gpu
vdd_dspeve
vdd_iva
vddshv8
vddshv1, vddshv2, vddshv3, vddshv4, vddshv6,
vddshv7, vddshv9, vddshv10, vddshv11
vdda33v_usb1, vdda33v_usb2
porz
xi_osc0
vddshv5
vdd_rtc
vdda_rtc
SPRS85v_ELCH_02
Note 4
T1
T2
T3
T4
T0
V1
Note 5
Note 7
Note 8
Note 9
Note 10
Note 11
Note 11
Note 11
Note 11
Note 12
Note 8
Note 13
Note 9
Note 8
Note 14
Note 6
rtc_porz
Note 8
∆TD1
171
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 5-3. Recommended Power-Down Sequencing
(1) Time stamps:
–
T0 = 0 ms, T1 > 100 μs, T2 = 0.5 ms, T3 = 1.0 ms, T4 = 1.5 ms; V1 = 2.7 V. All “Tn” markers are intended to show elapsed times
from T0. Delta time: Δ TD1 > 100 μs.
(2) Terminology:
–
VOPR MIN = Minimum Operational Voltage level that ensures device functionality and specified performance per Section 5.4,
Recommended Operating Conditions.
–
VOFF = OFF Voltage level is defined to be less than 0.6 V where any current draw has no impact to POH.
–
Ramp Down = transition time from VOPR MIN to VOFF and is slew rate independent.
(3) General timing diagram items:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com