Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 186 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 186 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 182Page - Texas Instruments TDA2SXABC Datasheet HTML 183Page - Texas Instruments TDA2SXABC Datasheet HTML 184Page - Texas Instruments TDA2SXABC Datasheet HTML 185Page - Texas Instruments TDA2SXABC Datasheet HTML 186Page - Texas Instruments TDA2SXABC Datasheet HTML 187Page - Texas Instruments TDA2SXABC Datasheet HTML 188Page - Texas Instruments TDA2SXABC Datasheet HTML 189Page - Texas Instruments TDA2SXABC Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 427 page
background image
rtc_osc_xi_clkin32
CK0
CK1
CK1
186
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 6-11. RTC Oscillator Input Clock Electrical Characteristics—Bypass Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1/tc(rtc_osc_xi_clkin32) Frequency, rtc_osc_xi_clkin32
32.768
kHz
CK1
tw(rtc_osc_xi_clkin32)
Pulse duration, rtc_osc_xi_clkin32 low or
high
0.45 *
tc(rtc_osc_xi_clkin32)
0.55 *
tc(rtc_osc_xi_clkin32)
ns
CIN
Input capacitance
2.178
2.378
2.578
pF
IIN
Input current (3.3V mode)
4
6
10
µA
tsX
Start-up time
See (1)
ms
(1) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is
inapplication mode and receives a wave. The switching time in this case is about 100 μs.
Figure 6-13. rtc_osc_xi_clkin32 Input Clock
6.2
RC On-die Oscillator Clock
NOTE
The OSC_32K_CLK clock, provided by the On-die 32K RC oscillator, inside of the SoC, is
not accurate 32kHz clock.
The frequency may significantly vary with temperature and silicon characteristics.
For more information about OSC_32K_CLK see the Device TRM, Chapter: Power, Reset, and Clock
Management.
6.3
DPLLs, DLLs Specifications
NOTE
For more information, see:
•
Power, Reset, and Clock Management / Clock Management Functional / Internal Clock
Sources / Generators / Generic DPLL Overview Section
and
•
Display Subsystem / Display Subsystem Overview section of the Device TRM.
To generate high-frequency clocks, the device supports multiple on-chip DPLLs controlled directly by the
PRCM module. They are of two types: type A and type B DPLLs.
•
They have their own independent power domain (each one embeds its own switch and can be
controlled as an independent functional power domain)
•
They are fed with ALWAYS ON system clock, with independent control per DPLL.
The different DPLLs managed by the PRCM are listed below:
•
DPLL_MPU: It supplies the MPU subsystem clocking internally.
•
DPLL_IVA: It feeds the IVA subsystem clocking.
•
DPLL_CORE: It supplies all interface clocks and also few module functional clocks.
•
DPLL_PER: It supplies several clock sources: a 192-MHz clock for the display functional clock, a
96-MHz functional clock to subsystems and peripherals.
•
DPLL_ABE: It provides clocks to various modules within the device.
•
DPLL_USB: It provides 960M clock for USB modules (USB1/2/3/4).
•
DPLL_GMAC: It supplies several clocks for the Gigabit Ethernet Switch (GMAC_SW).
•
DPLL_EVE: It provides the Embedded Vision Engine Subsystem (EVE1/2/3/4) clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com