Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 187 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 187 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 183Page - Texas Instruments TDA2SXABC Datasheet HTML 184Page - Texas Instruments TDA2SXABC Datasheet HTML 185Page - Texas Instruments TDA2SXABC Datasheet HTML 186Page - Texas Instruments TDA2SXABC Datasheet HTML 187Page - Texas Instruments TDA2SXABC Datasheet HTML 188Page - Texas Instruments TDA2SXABC Datasheet HTML 189Page - Texas Instruments TDA2SXABC Datasheet HTML 190Page - Texas Instruments TDA2SXABC Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 427 page
background image
187
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
•
DPLL_DSP: It feeds the DSP Subsystem clocking.
•
DPLL_GPU: It supplies clock for the GPU Subsystem.
•
DPLL_DDR: It generates clocks for the two External Memory Interface (EMIF) controllers and their
associated EMIF PHYs.
•
DPLL_PCIE_REF: It provides reference clock for the APLL_PCIE in PCIE Subsystem.
•
APLL_PCIE: It feeds clocks for the device Peripheral Component Interconnect Express (PCIe)
controllers.
NOTE
The following DPLLs are controlled by the clock manager located in the always-on Core
power domain (CM_CORE_AON):
•
DPLL_MPU,
DPLL_IVA,
DPLL_CORE,
DPLL_ABE,
DPLL_DDR,
DPLL_GMAC,
DPLL_PCIE_REF, DPLL_PER, DPLL_USB, DPLL_EVE, DPLL_DSP, DPLL_GPU,
APLL_PCIE_REF.
For more information on CM_CORE_AON and CM_CORE or PRCM DPLLs, see Power, Reset, and Clock
Management (PRCM) chapter of the Device TRM.
The following DPLLs are not managed by the PRCM:
•
DPLL_VIDEO1; (It is controlled from DSS)
•
DPLL_VIDEO2; (It is controlled from DSS)
•
DPLL_HDMI; (It is controlled from DSS)
•
DPLL_SATA; (It is controlled from SATA)
•
DPLL_DEBUG; (It is controlled from DEBUGSS)
•
DPLL_USB_OTG_SS; (It is controlled from OCP2SCP1)
NOTE
For more information for not controlled from PRCM DPLL’s see the related chapters in TRM.
6.3.1
DPLL Characteristics
The DPLL has three relevant input clocks. One of them is the reference clock (CLKINP) used to generated
the synthesized clock but can also be used as the bypass clock whenever the DPLL enters a bypass
mode. It is therefore mandatory. The second one is a fast bypass clock (CLKINPULOW) used when
selected as the bypass clock and is optional. The third clock (CLKINPHIF) is explained in the next
paragraph.
The DPLL has three output clocks (namely CLKOUT, CLKOUTX2, and CLKOUTHIF). CLKOUT and
CLKOUTX2 run at the bypass frequency whenever the DPLL enters a bypass mode. Both of them are
generated from the lock frequency divided by a post-divider (namely M2 post-divider). The third clock,
CLKOUTHIF, has no automatic bypass capability. It is an output of a post-divider (M3 post-divider) with
the input clock selectable between the internal lock clock (Fdpll) and CLKINPHIF input of the PLL through
an asynchronous multplexing.
For more information, see the Power Reset Controller Management chapter of the Device TRM.
Table 6-12 summarizes DPLL type described in Section 6.3, DPLLs, DLLs Specifications introduction.
Table 6-12. DPLL Control Type
DPLL NAME
TYPE
CONTROLLED BY PRCM
DPLL_ABE
Table 6-13 (Type A)
Yes(1)
DPLL_CORE
Table 6-13 (Type A)
Yes(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com