Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 196 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 196 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 192Page - Texas Instruments TDA2SXABC Datasheet HTML 193Page - Texas Instruments TDA2SXABC Datasheet HTML 194Page - Texas Instruments TDA2SXABC Datasheet HTML 195Page - Texas Instruments TDA2SXABC Datasheet HTML 196Page - Texas Instruments TDA2SXABC Datasheet HTML 197Page - Texas Instruments TDA2SXABC Datasheet HTML 198Page - Texas Instruments TDA2SXABC Datasheet HTML 199Page - Texas Instruments TDA2SXABC Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 427 page
background image
vinx_clki
V2
V1
V3
SPRS8xx_VIP_01
196
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
7.6
Video Input Ports (VIP)
The Device includes 3 Video Input Ports (VIP).
Table 7-3, Figure 7-4 and Figure 7-5 present timings and switching characteristics of the VIPs.
CAUTION
The IO timings provided in this section are applicable for all combinations of
signals for vin1, vin5 and vin6. However, the timings are only valid for vin2,
vin3, and vin4 if signals within a single IOSET are used. The IOSETs are
defined in the Table 7-4.
Table 7-3. Timing Requirements for VIP (1)(2)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
V1
tc(CLK)
Cycle time, vinx_clki (3) (5)
6.06 (1)
ns
V2
tw(CLKH)
Pulse duration, vinx_clki high (3) (5)
0.45*P (2)
ns
V3
tw(CLKL)
Pulse duration, vinx_clki low (3) (5)
0.45*P (2)
ns
V4
tsu(CTL/DATA-CLK)
Input setup time, Control (vinx_dei, vinx_vsynci, vinx_fldi,
vinx_hsynci) and Data (vinx_dn) valid to vinx_clki transition (3) (4)
(5)
vin1x,
vin2x
2.93
ns
vin5x,
vin6x
3.11
ns
vin3x,
vin4x
3.11
ns
V5
th(CLK-CTL/DATA)
Input hold time, Control (vinx_dei, vinx_vsynci, vinx_fldi,
vinx_hsynci) and Data (vinx_dn) valid from vinx_clki transition
(3) (4) (5)
-0.05
ns
(1) For maximum frequency of 165 MHZ.
(2) P = vinx_clki period.
(3) x in vinx = 1a, 1b, 2a, 2b, 3a, 3b, 4a, 4b, 5a and 6a.
(4) n in dn = 0 to 7 when x = 1b, 2b, 3b and 4b;
n = 0 to 15 when x = 5a and 6a;
n = 0 to 23 when x = 1a, 2a, 3a and 4a;
(5) i in clki, dei, vsynci, hsynci and fldi = 0 or 1.
Figure 7-4. Video Input Ports clock signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com