Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 200 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 200 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 196Page - Texas Instruments TDA2SXABC Datasheet HTML 197Page - Texas Instruments TDA2SXABC Datasheet HTML 198Page - Texas Instruments TDA2SXABC Datasheet HTML 199Page - Texas Instruments TDA2SXABC Datasheet HTML 200Page - Texas Instruments TDA2SXABC Datasheet HTML 201Page - Texas Instruments TDA2SXABC Datasheet HTML 202Page - Texas Instruments TDA2SXABC Datasheet HTML 203Page - Texas Instruments TDA2SXABC Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 427 page
background image
200
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-6. VIN4 IOSETs (continued)
Signals
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
vin4a_de0
H6/ P7
4 / 5
B10
3
C23
8
vin4a_fld0
P9/ J7
4 / 4
D11
3
F21
8
vin4a_clk0
P4
4
B11
3
B26
8
vin4b
vin4b_clk1
N9
6
V1
5
-
-
vin4b_de1
P9
6
V7
5
-
-
vin4b_fld1
P4
6
W2
5
-
-
vin4b_d0
R6
6
U4
5
-
-
vin4b_d1
T9
6
V2
5
-
-
vin4b_d2
T6
6
Y1
5
-
-
vin4b_d3
T7
6
W9
5
-
-
vin4b_d4
P6
6
V9
5
-
-
vin4b_d5
R9
6
U5
5
-
-
vin4b_d6
R5
6
V5
5
-
-
vin4b_d7
P5
6
V4
5
-
-
vin4b_hsync1
N7
6
U7
5
-
-
vin4b_vsync1
R4
6
V6
5
-
-
NOTE
To configure the desired Manual IO Timing Mode the user must follow the steps described in
section "Manual IO Timing Modes" of the Device TRM.
The associated registers to configure are listed in the CFG REGISTER column. For more
information please see the Control Module Chapter in the Device TRM.
Manual IO Timings Modes must be used to ensure some IO timings for VIP1. See Table 7-2 Modes
Summary for a list of IO timings requiring the use of Manual IO Timings Modes. See Table 7-7 Manual
Functions Mapping for VIP1 for a definition of the Manual modes.
Table 7-7 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the
CFG_x registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com