Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 202 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 202 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 198Page - Texas Instruments TDA2SXABC Datasheet HTML 199Page - Texas Instruments TDA2SXABC Datasheet HTML 200Page - Texas Instruments TDA2SXABC Datasheet HTML 201Page - Texas Instruments TDA2SXABC Datasheet HTML 202Page - Texas Instruments TDA2SXABC Datasheet HTML 203Page - Texas Instruments TDA2SXABC Datasheet HTML 204Page - Texas Instruments TDA2SXABC Datasheet HTML 205Page - Texas Instruments TDA2SXABC Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
202
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-7. Manual Functions Mapping for VIP1 (continued)
BALL BALL NAME
VIP1_MANUAL1
VIP1_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
0
1
2
3
4
AE1
vin1a_d19
1707
2006
2026
1761
CFG_VIN1A_D19_IN
vin1a_d19
vin1b_d4
-
-
-
AG7
vin1a_d2
1557
1414
1996
962
CFG_VIN1A_D2_IN
vin1a_d2
-
-
-
-
AE2
vin1a_d20
1695
1814
2037
1469
CFG_VIN1A_D20_IN
vin1a_d20
vin1b_d3
-
-
-
AE6
vin1a_d21
1757
1682
2077
1349
CFG_VIN1A_D21_IN
vin1a_d21
vin1b_d2
-
-
-
AD2
vin1a_d22
1683
1813
2022
1545
CFG_VIN1A_D22_IN
vin1a_d22
vin1b_d1
-
-
-
AD3
vin1a_d23
1833
1187
2168
784
CFG_VIN1A_D23_IN
vin1a_d23
vin1b_d0
-
-
-
AH6
vin1a_d3
1588
1289
1993
901
CFG_VIN1A_D3_IN
vin1a_d3
-
-
-
-
AH3
vin1a_d4
1687
949
2098
499
CFG_VIN1A_D4_IN
vin1a_d4
-
-
-
-
AH5
vin1a_d5
1616
1257
2038
844
CFG_VIN1A_D5_IN
vin1a_d5
-
-
-
-
AG6
vin1a_d6
1582
1265
2002
863
CFG_VIN1A_D6_IN
vin1a_d6
-
-
-
-
AH4
vin1a_d7
1659
1255
2063
873
CFG_VIN1A_D7_IN
vin1a_d7
-
-
-
-
AG4
vin1a_d8
1681
1205
2088
759
CFG_VIN1A_D8_IN
vin1a_d8
vin1b_d7
-
-
-
AG2
vin1a_d9
1778
1168
2152
701
CFG_VIN1A_D9_IN
vin1a_d9
vin1b_d6
-
-
-
AD9
vin1a_de0
1468
1290
1926
728
CFG_VIN1A_DE0_IN
vin1a_de0
vin1b_hsync1
-
-
-
AF9
vin1a_fld0
1633
1425
2043
937
CFG_VIN1A_FLD0_IN
vin1a_fld0
vin1b_vsync1
-
-
-
AE9
vin1a_hsync0
1561
1424
1978
909
CFG_VIN1A_HSYNC0_IN
vin1a_hsync0
vin1b_fld1
-
-
-
AF8
vin1a_vsync0
1470
1369
1926
987
CFG_VIN1A_VSYNC0_IN
vin1a_vsync0
vin1b_de1
-
-
-
AH7
vin1b_clk1
69
150
242
0
CFG_VIN1B_CLK1_IN
vin1b_clk1
-
-
-
-
E1
vin2a_clk0
0
0
0
0
CFG_VIN2A_CLK0_IN
vin2a_clk0
-
-
-
-
F2
vin2a_d0
1597
561
2009
147
CFG_VIN2A_D0_IN
vin2a_d0
-
-
-
-
F3
vin2a_d1
1598
801
2015
561
CFG_VIN2A_D1_IN
vin2a_d1
-
-
-
-
D3
vin2a_d10
1576
655
2021
377
CFG_VIN2A_D10_IN
vin2a_d10
-
-
-
-
F6
vin2a_d11
1488
340
1940
19
CFG_VIN2A_D11_IN
vin2a_d11
-
-
-
-
D5
vin2a_d12
1399
612
1895
181
CFG_VIN2A_D12_IN
vin2a_d12
-
-
-
-
C2
vin2a_d13
1595
439
2063
15
CFG_VIN2A_D13_IN
vin2a_d13
-
-
-
-
C3
vin2a_d14
1480
243
1709
0
CFG_VIN2A_D14_IN
vin2a_d14
-
-
-
-
C4
vin2a_d15
1415
755
1899
369
CFG_VIN2A_D15_IN
vin2a_d15
-
-
-
-
B2
vin2a_d16
1341
653
1821
317
CFG_VIN2A_D16_IN
vin2a_d16
-
vin2b_d7
-
-
D6
vin2a_d17
1396
724
1880
349
CFG_VIN2A_D17_IN
vin2a_d17
-
vin2b_d6
-
-
C5
vin2a_d18
1582
364
1963
0
CFG_VIN2A_D18_IN
vin2a_d18
-
vin2b_d5
-
-
A3
vin2a_d19
1308
289
1681
0
CFG_VIN2A_D19_IN
vin2a_d19
-
vin2b_d4
-
-
D1
vin2a_d2
1600
323
2021
0
CFG_VIN2A_D2_IN
vin2a_d2
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com