Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 206 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 206 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 202Page - Texas Instruments TDA2SXABC Datasheet HTML 203Page - Texas Instruments TDA2SXABC Datasheet HTML 204Page - Texas Instruments TDA2SXABC Datasheet HTML 205Page - Texas Instruments TDA2SXABC Datasheet HTML 206Page - Texas Instruments TDA2SXABC Datasheet HTML 207Page - Texas Instruments TDA2SXABC Datasheet HTML 208Page - Texas Instruments TDA2SXABC Datasheet HTML 209Page - Texas Instruments TDA2SXABC Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
206
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-9. Manual Functions Mapping for VIP2 (continued)
BALL
BALL NAME
VIP2_MANUAL 1
VIP2_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
2
3
4
5
6
M4
gpmc_ben1
1879
20
1840
0
CFG_GPMC_BEN1_IN
-
-
vin3b_clk1
-
vin3b_fld1
P7
gpmc_clk
0
0
0
0
CFG_GPMC_CLK_IN
-
-
vin4a_hsync
0
vin4a_de0
vin3b_clk1
H6
gpmc_cs1
1505
41
1388
0
CFG_GPMC_CS1_IN
-
-
vin4a_de0
-
vin3b_vsync1
P1
gpmc_cs3
0
0
0
0
CFG_GPMC_CS3_IN
vin3a_clk0
-
-
-
-
AF1
vin1a_d16
1803
1679
2244
1202
CFG_VIN1A_D16_IN
-
-
-
-
vin3a_d0
AE3
vin1a_d17
1871
1654
2321
1116
CFG_VIN1A_D17_IN
-
-
-
-
vin3a_d1
AE5
vin1a_d18
1875
1742
2280
1288
CFG_VIN1A_D18_IN
-
-
-
-
vin3a_d2
AE1
vin1a_d19
1844
1759
2282
1281
CFG_VIN1A_D19_IN
-
-
-
-
vin3a_d3
AE2
vin1a_d20
1845
1624
2284
1090
CFG_VIN1A_D20_IN
-
-
-
-
vin3a_d4
AE6
vin1a_d21
1906
1520
2324
1000
CFG_VIN1A_D21_IN
-
-
-
-
vin3a_d5
AD2
vin1a_d22
1807
1437
2278
915
CFG_VIN1A_D22_IN
-
-
-
-
vin3a_d6
AD3
vin1a_d23
1996
997
2423
398
CFG_VIN1A_D23_IN
-
-
-
-
vin3a_d7
AH7
vin1b_clk1
0
0
0
0
CFG_VIN1B_CLK1_IN
-
-
-
-
vin3a_clk0
B2
vin2a_d16
1329
528
1779
0
CFG_VIN2A_D16_IN
-
-
-
-
vin3a_d8
D6
vin2a_d17
1270
677
1844
0
CFG_VIN2A_D17_IN
-
-
-
-
vin3a_d9
C5
vin2a_d18
1494
411
1767
0
CFG_VIN2A_D18_IN
-
-
-
-
vin3a_d10
A3
vin2a_d19
1225
154
1254
0
CFG_VIN2A_D19_IN
-
-
-
-
vin3a_d11
B3
vin2a_d20
1212
450
1597
0
CFG_VIN2A_D20_IN
-
-
-
vin3a_de0
vin3a_d12
B4
vin2a_d21
1232
494
1662
0
CFG_VIN2A_D21_IN
-
-
-
vin3a_fld0
vin3a_d13
B5
vin2a_d22
1203
503
1641
0
CFG_VIN2A_D22_IN
-
-
-
vin3a_hsync
0
vin3a_d14
A4
vin2a_d23
1214
599
1748
0
CFG_VIN2A_D23_IN
-
-
-
vin3a_vsync0
vin3a_d15
D11
vout1_clk
2047
735
2391
637
CFG_VOUT1_CLK_IN
-
vin4a_fld0
vin3a_fld0
-
-
F11
vout1_d0
2135
987
2403
965
CFG_VOUT1_D0_IN
-
vin4a_d16
vin3a_d16
-
-
G10
vout1_d1
2048
955
2368
880
CFG_VOUT1_D1_IN
-
vin4a_d17
vin3a_d17
-
-
D7
vout1_d10
1970
855
2347
724
CFG_VOUT1_D10_IN
-
vin4a_d10
vin3a_d10
-
-
D8
vout1_d11
2111
893
2389
861
CFG_VOUT1_D11_IN
-
vin4a_d11
vin3a_d11
-
-
A5
vout1_d12
2018
841
2356
748
CFG_VOUT1_D12_IN
-
vin4a_d12
vin3a_d12
-
-
C6
vout1_d13
2073
805
2382
731
CFG_VOUT1_D13_IN
-
vin4a_d13
vin3a_d13
-
-
C8
vout1_d14
2112
770
2401
703
CFG_VOUT1_D14_IN
-
vin4a_d14
vin3a_d14
-
-
C7
vout1_d15
2132
831
2434
771
CFG_VOUT1_D15_IN
-
vin4a_d15
vin3a_d15
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com