Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 205 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 205 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 201Page - Texas Instruments TDA2SXABC Datasheet HTML 202Page - Texas Instruments TDA2SXABC Datasheet HTML 203Page - Texas Instruments TDA2SXABC Datasheet HTML 204Page - Texas Instruments TDA2SXABC Datasheet HTML 205Page - Texas Instruments TDA2SXABC Datasheet HTML 206Page - Texas Instruments TDA2SXABC Datasheet HTML 207Page - Texas Instruments TDA2SXABC Datasheet HTML 208Page - Texas Instruments TDA2SXABC Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
205
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 7-9. Manual Functions Mapping for VIP2 (continued)
BALL
BALL NAME
VIP2_MANUAL 1
VIP2_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
2
3
4
5
6
K6
gpmc_a22
1595
151
1620
0
CFG_GPMC_A22_IN
-
-
vin4a_d15
-
vin3b_d3
J7
gpmc_a23
1366
0
1363
0
CFG_GPMC_A23_IN
-
-
vin4a_fld0
-
vin3b_d4
J4
gpmc_a24
1554
343
1765
0
CFG_GPMC_A24_IN
-
-
-
-
vin3b_d5
J6
gpmc_a25
1652
268
1808
0
CFG_GPMC_A25_IN
-
-
-
-
vin3b_d6
H4
gpmc_a26
1546
281
1669
0
CFG_GPMC_A26_IN
-
-
-
-
vin3b_d7
H5
gpmc_a27
1534
198
1611
0
CFG_GPMC_A27_IN
-
-
-
-
vin3b_hsync
1
T7
gpmc_a3
2246
1318
2455
1181
CFG_GPMC_A3_IN
vin3a_d19
-
vin4a_d3
-
-
P6
gpmc_a4
2266
1216
2486
1039
CFG_GPMC_A4_IN
vin3a_d20
-
vin4a_d4
-
-
R9
gpmc_a5
2185
1122
2456
938
CFG_GPMC_A5_IN
vin3a_d21
-
vin4a_d5
-
-
R5
gpmc_a6
2206
782
2463
573
CFG_GPMC_A6_IN
vin3a_d22
-
vin4a_d6
-
-
P5
gpmc_a7
2369
1025
2608
783
CFG_GPMC_A7_IN
vin3a_d23
-
vin4a_d7
-
-
N7
gpmc_a8
2154
978
2430
656
CFG_GPMC_A8_IN
vin3a_hsync
0
-
-
-
-
R4
gpmc_a9
2185
1152
2465
850
CFG_GPMC_A9_IN
vin3a_vsync0
-
-
-
-
M6
gpmc_ad0
1908
620
2316
301
CFG_GPMC_AD0_IN
vin3a_d0
-
-
-
-
M2
gpmc_ad1
2117
382
2440
70
CFG_GPMC_AD1_IN
vin3a_d1
-
-
-
-
J1
gpmc_ad10
1968
686
2324
406
CFG_GPMC_AD10_IN
vin3a_d10
-
-
-
-
J2
gpmc_ad11
1853
689
2278
352
CFG_GPMC_AD11_IN
vin3a_d11
-
-
-
-
H1
gpmc_ad12
1910
497
2297
160
CFG_GPMC_AD12_IN
vin3a_d12
-
-
-
-
J3
gpmc_ad13
1869
436
2278
108
CFG_GPMC_AD13_IN
vin3a_d13
-
-
-
-
H2
gpmc_ad14
1895
147
2035
0
CFG_GPMC_AD14_IN
vin3a_d14
-
-
-
-
H3
gpmc_ad15
1917
655
2279
378
CFG_GPMC_AD15_IN
vin3a_d15
-
-
-
-
L5
gpmc_ad2
2097
666
2404
446
CFG_GPMC_AD2_IN
vin3a_d2
-
-
-
-
M1
gpmc_ad3
1954
581
2343
212
CFG_GPMC_AD3_IN
vin3a_d3
-
-
-
-
L6
gpmc_ad4
2034
610
2355
322
CFG_GPMC_AD4_IN
vin3a_d4
-
-
-
-
L4
gpmc_ad5
1965
484
2337
192
CFG_GPMC_AD5_IN
vin3a_d5
-
-
-
-
L3
gpmc_ad6
1861
635
2270
314
CFG_GPMC_AD6_IN
vin3a_d6
-
-
-
-
L2
gpmc_ad7
2004
507
2339
259
CFG_GPMC_AD7_IN
vin3a_d7
-
-
-
-
L1
gpmc_ad8
1945
853
2308
577
CFG_GPMC_AD8_IN
vin3a_d8
-
-
-
-
K2
gpmc_ad9
1914
539
2334
166
CFG_GPMC_AD9_IN
vin3a_d9
-
-
-
-
N6
gpmc_ben0
1806
0
1722
0
CFG_GPMC_BEN0_IN
-
-
-
-
vin3b_de1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com