Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 204 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 204 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 200Page - Texas Instruments TDA2SXABC Datasheet HTML 201Page - Texas Instruments TDA2SXABC Datasheet HTML 202Page - Texas Instruments TDA2SXABC Datasheet HTML 203Page - Texas Instruments TDA2SXABC Datasheet HTML 204Page - Texas Instruments TDA2SXABC Datasheet HTML 205Page - Texas Instruments TDA2SXABC Datasheet HTML 206Page - Texas Instruments TDA2SXABC Datasheet HTML 207Page - Texas Instruments TDA2SXABC Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
204
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-8. Manual Functions Mapping for VIP1 2B (continued)
BALL
BALL NAME
VIP1_2B_MANUAL1
VIP1_2B_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
2
3
4
AD6
mmc3_dat5
1777
577
2072
362
CFG_MMC3_DAT5_IN
-
-
vin2b_d0
AB8
mmc3_dat6
1675
808
2035
431
CFG_MMC3_DAT6_IN
-
-
vin2b_de1
AB5
mmc3_dat7
0
0
0
0
CFG_MMC3_DAT7_IN
-
-
vin2b_clk1
B2
vin2a_d16
1181
0
1424
0
CFG_VIN2A_D16_IN
vin2b_d7
-
-
D6
vin2a_d17
1317
0
1545
0
CFG_VIN2A_D17_IN
vin2b_d6
-
-
C5
vin2a_d18
1132
0
1240
0
CFG_VIN2A_D18_IN
vin2b_d5
-
-
A3
vin2a_d19
749
0
919
0
CFG_VIN2A_D19_IN
vin2b_d4
-
-
B3
vin2a_d20
1078
0
1320
0
CFG_VIN2A_D20_IN
vin2b_d3
-
-
B4
vin2a_d21
1119
0
1357
0
CFG_VIN2A_D21_IN
vin2b_d2
-
-
B5
vin2a_d22
1089
0
1306
0
CFG_VIN2A_D22_IN
vin2b_d1
-
-
A4
vin2a_d23
1118
0
1362
0
CFG_VIN2A_D23_IN
vin2b_d0
-
-
G2
vin2a_de0
1371
420
1813
86
CFG_VIN2A_DE0_IN
vin2b_fld1
vin2b_de1
-
H7
vin2a_fld0
0
0
0
0
CFG_VIN2A_FLD0_IN
vin2b_clk1
-
-
G1
vin2a_hsync0
1605
0
1674
0
CFG_VIN2A_HSYNC0_IN
-
vin2b_hsync1
-
G6
vin2a_vsync0
1231
0
1300
0
CFG_VIN2A_VSYNC0_IN
-
vin2b_vsync1
-
(1) The CFG_MMC3_CLK_IN register should remain at its Default value, which is programmed automatically by hardware during the recalibration process.
Manual IO Timings Modes must be used to ensure some IO timings for VIP2. See Table 7-2 Modes Summary for a list of IO timings requiring the
use of Manual IO Timings Modes. See Table 7-9 Manual Functions Mapping for VIP2 for a definition of the Manual modes.
Table 7-9 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers.
Table 7-9. Manual Functions Mapping for VIP2
BALL
BALL NAME
VIP2_MANUAL 1
VIP2_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY
(ps)
G_DELAY
(ps)
A_DELAY
(ps)
G_DELAY
(ps)
2
3
4
5
6
R6
gpmc_a0
2216
947
2519
702
CFG_GPMC_A0_IN
vin3a_d16
-
vin4a_d0
-
T9
gpmc_a1
2078
1022
2384
778
CFG_GPMC_A1_IN
vin3a_d17
-
vin4a_d1
-
N9
gpmc_a10
2108
823
2435
411
CFG_GPMC_A10_IN
vin3a_de0
-
-
-
P9
gpmc_a11
2068
977
2379
755
CFG_GPMC_A11_IN
vin3a_fld0
-
vin4a_fld0
-
K7
gpmc_a19
1740
123
1743
0
CFG_GPMC_A19_IN
-
-
vin4a_d12
-
vin3b_d0
T6
gpmc_a2
2280
1298
2499
1127
CFG_GPMC_A2_IN
vin3a_d18
-
vin4a_d2
-
-
M7
gpmc_a20
1628
30
1529
0
CFG_GPMC_A20_IN
-
-
vin4a_d13
-
vin3b_d1
J5
gpmc_a21
1687
217
1779
0
CFG_GPMC_A21_IN
-
-
vin4a_d14
-
vin3b_d2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com