Electronic Components Datasheet Search
  English  ▼

X  

TDA2SXABC Datasheet(PDF) 210 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 210 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 206Page - Texas Instruments TDA2SXABC Datasheet HTML 207Page - Texas Instruments TDA2SXABC Datasheet HTML 208Page - Texas Instruments TDA2SXABC Datasheet HTML 209Page - Texas Instruments TDA2SXABC Datasheet HTML 210Page - Texas Instruments TDA2SXABC Datasheet HTML 211Page - Texas Instruments TDA2SXABC Datasheet HTML 212Page - Texas Instruments TDA2SXABC Datasheet HTML 213Page - Texas Instruments TDA2SXABC Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
210
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 7-11. Manual Functions Mapping for VIP2 4A IOSET3 (continued)
BALL
BALL NAME
VIP2_4A_IOSET3_MANUAL1
VIP2_4A_IOSET3_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
8
E12
mcasp1_axr4
2089
813
2441
773
CFG_MCASP1_AXR4_IN
vin4a_d4
F13
mcasp1_axr5
2061
858
2430
799
CFG_MCASP1_AXR5_IN
vin4a_d5
C12
mcasp1_axr6
2151
595
2539
480
CFG_MCASP1_AXR6_IN
vin4a_d6
D12
mcasp1_axr7
2112
931
2421
932
CFG_MCASP1_AXR7_IN
vin4a_d7
J14
mcasp1_fsr
1714
323
2248
44
CFG_MCASP1_FSR_IN
vin4a_d1
E15
mcasp2_aclkr
1462
76
1795
0
CFG_MCASP2_ACLKR_IN
vin4a_d8
B15
mcasp2_axr0
1578
833
2113
554
CFG_MCASP2_AXR0_IN
vin4a_d10
A15
mcasp2_axr1
1785
396
2279
212
CFG_MCASP2_AXR1_IN
vin4a_d11
D15
mcasp2_axr4
1765
485
2299
206
CFG_MCASP2_AXR4_IN
vin4a_d12
B16
mcasp2_axr5
1644
509
2179
230
CFG_MCASP2_AXR5_IN
vin4a_d13
B17
mcasp2_axr6
1098
0
1354
0
CFG_MCASP2_AXR6_IN
vin4a_d14
A17
mcasp2_axr7
1242
521
1777
243
CFG_MCASP2_AXR7_IN
vin4a_d15
A20
mcasp2_fsr
1328
130
1713
0
CFG_MCASP2_FSR_IN
vin4a_d9
C18
mcasp4_aclkx
1033
0
1166
0
CFG_MCASP4_ACLKX_IN
vin4a_d16
G16
mcasp4_axr0
2147
358
2529
221
CFG_MCASP4_AXR0_IN
vin4a_d18
D17
mcasp4_axr1
2140
676
2482
645
CFG_MCASP4_AXR1_IN
vin4a_d19
A21
mcasp4_fsx
2140
339
2554
165
CFG_MCASP4_FSX_IN
vin4a_d17
AA3
mcasp5_aclkx
2846
2620
3059
2547
CFG_MCASP5_ACLKX_IN
vin4a_d20
AB3
mcasp5_axr0
2880
3301
3040
3417
CFG_MCASP5_AXR0_IN
vin4a_d22
AA4
mcasp5_axr1
2851
3586
3042
3593
CFG_MCASP5_AXR1_IN
vin4a_d23
AB9
mcasp5_fsx
2847
2856
3031
2890
CFG_MCASP5_FSX_IN
vin4a_d21
B26
xref_clk2
0
0
0
0
CFG_XREF_CLK2_IN
vin4a_clk0
C23
xref_clk3
927
0
1183
0
CFG_XREF_CLK3_IN
vin4a_de0
Manual IO Timings Modes must be used to ensure some IO timings for VIP2. See Table 7-2 Modes Summary for a list of IO timings requiring the
use of Manual IO Timings Modes. See Table 7-12 Manual Functions Mapping for VIP2 4B for a definition of the Manual modes.
Table 7-12 lists the A_DELAY and G_DELAY values needed to calculate the correct values to be set in the CFG_x registers.
Table 7-12. Manual Functions Mapping for VIP2 4B
BALL
BALL NAME
VIP2_4B_MANUAL1
VIP2_4B_MANUAL2
CFG REGISTER
MUXMODE
A_DELAY (ps)
G_DELAY (ps)
A_DELAY (ps)
G_DELAY (ps)
5
6
R6
gpmc_a0
1861
901
2102
660
CFG_GPMC_A0_IN
-
vin4b_d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com