Electronic Components Datasheet Search
  English  ▼

X  

TDA2SGABC Datasheet(PDF) 5 Page - Texas Instruments

Part # TDA2SGABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SGABC Datasheet(HTML) 5 Page - Texas Instruments

  TDA2SGABC Datasheet HTML 1Page - Texas Instruments TDA2SGABC Datasheet HTML 2Page - Texas Instruments TDA2SGABC Datasheet HTML 3Page - Texas Instruments TDA2SGABC Datasheet HTML 4Page - Texas Instruments TDA2SGABC Datasheet HTML 5Page - Texas Instruments TDA2SGABC Datasheet HTML 6Page - Texas Instruments TDA2SGABC Datasheet HTML 7Page - Texas Instruments TDA2SGABC Datasheet HTML 8Page - Texas Instruments TDA2SGABC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 427 page
background image
5
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Revision History
Copyright © 2015–2019, Texas Instruments Incorporated
2
Revision History
Changes from November 30, 2018 to May 15, 2019 (from E Revision (November 2018) to F Revision)
Page
•
Added BB2D and GPU to TDA2HF in Table 3-1, Device Comparison
........................................................ 6
•
Fixed type direction to “O” for mii1_txer and mii0_txer signals in Table 4-19, GMAC Signal Descriptions
............ 118
•
Added clarification notes for EMU[1:0] connections in Table 4-21, GPIOs Signal Descriptions and Table 4-30,
Debug Signal Descriptions
....................................................................................................... 121
•
Added MII_TXER timing to GMAC MII Timings section
...................................................................... 289
•
Updated MDIO Timing Diagram and MDIO7 parameter values
............................................................. 291
•
Added note regarding DDR ECC solutions to Table 8-43, Supported DDR3 Device Combinations
................... 393
•
Added clarifications about validated DDR topology in Section 8.7.3.15, CK and ADDR_CTRL Topologies and
Routing Definition
.................................................................................................................. 403
•
Updated a note for cosmetic marks on the package
.......................................................................... 416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com