Electronic Components Datasheet Search
  English  ▼

X  

TDA2SGABC Datasheet(PDF) 13 Page - Texas Instruments

Part # TDA2SGABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SGABC Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDA2SGABC Datasheet HTML 9Page - Texas Instruments TDA2SGABC Datasheet HTML 10Page - Texas Instruments TDA2SGABC Datasheet HTML 11Page - Texas Instruments TDA2SGABC Datasheet HTML 12Page - Texas Instruments TDA2SGABC Datasheet HTML 13Page - Texas Instruments TDA2SGABC Datasheet HTML 14Page - Texas Instruments TDA2SGABC Datasheet HTML 15Page - Texas Instruments TDA2SGABC Datasheet HTML 16Page - Texas Instruments TDA2SGABC Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
13
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-2. Ball Characteristics(1)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
K9
cap_vbbldo_dspeve
cap_vbbldo_dspeve
CAP
Y14
cap_vbbldo_gpu
cap_vbbldo_gpu
CAP
R20
cap_vbbldo_iva
cap_vbbldo_iva
CAP
J16
cap_vbbldo_mpu
cap_vbbldo_mpu
CAP
L9
cap_vddram_core1
cap_vddram_core1
CAP
J19
cap_vddram_core2
cap_vddram_core2
CAP
Y15
cap_vddram_core3
cap_vddram_core3
CAP
P19
cap_vddram_core4
cap_vddram_core4
CAP
Y16
cap_vddram_core5
cap_vddram_core5
CAP
J10
cap_vddram_dspeve1
cap_vddram_dspeve1
CAP
J9
cap_vddram_dspeve2
cap_vddram_dspeve2
CAP
Y13
cap_vddram_gpu
cap_vddram_gpu
CAP
T20
cap_vddram_iva
cap_vddram_iva
CAP
K16
cap_vddram_mpu1
cap_vddram_mpu1
CAP
K19
cap_vddram_mpu2
cap_vddram_mpu2
CAP
G19
dcan1_rx
dcan1_rx
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
uart8_txd
2
O
mmc2_sdwp
3
I
0
sata1_led
4
O
hdmi1_cec
Yes / No
6
IO
gpio1_15
14
IO
Driver off
15
I
G20
dcan1_tx
dcan1_tx
0
IO
PU
PU
15
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
1
uart8_rxd
2
I
1
mmc2_sdcd
3
I
1
hdmi1_hpd
Yes / No
6
I
gpio1_14
14
IO
Driver off
15
I
AD20
ddr1_a0
ddr1_a0
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AC19
ddr1_a1
ddr1_a1
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AC20
ddr1_a2
ddr1_a2
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AB19
ddr1_a3
ddr1_a3
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy
AF21
ddr1_a4
ddr1_a4
0
O
PD
drive 1
(OFF)
1.35/1.5/1.8 vdds_ddr1
No
LVCMOS
DDR
Pux/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com