Electronic Components Datasheet Search
  English  ▼

X  

TDA2SGABC Datasheet(PDF) 1 Page - Texas Instruments

Part # TDA2SGABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SGABC Datasheet(HTML) 1 Page - Texas Instruments

  TDA2SGABC Datasheet HTML 1Page - Texas Instruments TDA2SGABC Datasheet HTML 2Page - Texas Instruments TDA2SGABC Datasheet HTML 3Page - Texas Instruments TDA2SGABC Datasheet HTML 4Page - Texas Instruments TDA2SGABC Datasheet HTML 5Page - Texas Instruments TDA2SGABC Datasheet HTML 6Page - Texas Instruments TDA2SGABC Datasheet HTML 7Page - Texas Instruments TDA2SGABC Datasheet HTML 8Page - Texas Instruments TDA2SGABC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 427 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
TDA2x ADAS Applications Processor
23mm Package (ABC Package)
Silicon Revision 2.0
1
Device Overview
1
1.1
Features
1
• Architecture designed for ADAS applications
• Video, image, and gaphics processing support
– Full-HD video (1920 × 1080p, 60 fps)
– Multiple video input and video output
• Dual Arm® Cortex®-A15 microprocessor subsystem
• Up to two C66x floating-point VLIW DSP
– Fully object-code compatible with C67x and
C64x+
– Up to thirty-two 16 × 16-Bit fixed-point multiplies
per cycle
• Up to 2.5MB of on-chip L3 RAM
• Level 3 (L3) and level 4 (L4) interconnects
• Two DDR2/DDR3/DDR3L memory interface
(EMIF) modules
– Supports up to DDR2-800 and DDR3-1066
– Up to 2GB supported per EMIF
• Dual Arm® Cortex®-M4 Image Orocessing Units
(IPU)
• Vision acceleration pac
– Up to four Embedded Vision Engines (EVEs)
• IVA-HD subsystem
• Display subsystem
– Display controller with DMA engine and up to
three pipelines
– HDMI™ encoder: HDMI 1.4a and DVI 1.0
compliant
• 2D-graphics accelerator (BB2D) subsystem
– Vivante® GC320 core
• Video Processing Engine (VPE)
• Dual-core PowerVR® SGX544 3D GPU
• Three Video Input Port (VIP) modules
– Support for up to 10 multiplexed input ports
• General-Purpose Memory Controller (GPMC)
• 2-port gigabit ethernet (GMAC)
• Enhanced Direct Memory Access (EDMA)
controller
• Dual Controller Area Network (DCAN) modules
– CAN 2.0B protocol
• PCI-Express® 3.0 port with integrated PHY
– One 2-lane gen2-compliant port
– or two 1-lane gen2-compliant ports
• Sixteen 32-bit general-purpose timers
• 32-bit MPU watchdog timer
• Ten configurable UART/IrDA/CIR modules
• Four Multichannel Serial Peripheral Interfaces
(McSPI)
• Quad SPI interface
• Five Inter-Integrated Circuit (I2C) ports
• SATA interface
• Eight Multichannel Audio Serial Port (McASP)
modules
• SuperSpeed USB 3.0 dual-role device
• Three high-speed USB 2.0 dual-role devices
• Four Multimedia Card/Secure Digital/Secure Digital
Input Output interfaces ( MMC®/ SD®/SDIO)
• Up to 247 General-Purpose I/O (GPIO) pins
• Real-Time Clock SubSystem (RTCSS)
• Device security features
– Hardware crypto accelerators and DMA
– Firewalls
– JTAG® lock
– Secure keys
– Secure ROM and boot
• Power, Reset, and Clock Management (PRSM)
• On-chip debug with CTools technology
• Automotive AEC-Q100 qualified
• 28-nm CMOS technology
• 23 mm × 23 mm, 0.8-mm pitch, 760-Pin BGA
(ABC)


Similar Part No. - TDA2SGABC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2SGABC TI1-TDA2SGABC Datasheet
6Mb / 427P
TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results

Similar Description - TDA2SGABC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HA-17 TI1-TDA2HA-17 Datasheet
5Mb / 380P
TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com