Electronic Components Datasheet Search
  English  ▼

X  

TDA2SGABC Datasheet(PDF) 8 Page - Texas Instruments

Part # TDA2SGABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SGABC Datasheet(HTML) 8 Page - Texas Instruments

Back Button TDA2SGABC Datasheet HTML 4Page - Texas Instruments TDA2SGABC Datasheet HTML 5Page - Texas Instruments TDA2SGABC Datasheet HTML 6Page - Texas Instruments TDA2SGABC Datasheet HTML 7Page - Texas Instruments TDA2SGABC Datasheet HTML 8Page - Texas Instruments TDA2SGABC Datasheet HTML 9Page - Texas Instruments TDA2SGABC Datasheet HTML 10Page - Texas Instruments TDA2SGABC Datasheet HTML 11Page - Texas Instruments TDA2SGABC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 427 page
background image
8
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Device Comparison
Copyright © 2015–2019, Texas Instruments Incorporated
Table 3-1. Device Comparison(3) (continued)
FEATURES
DEVICE
TDA2Sxx
TDA2Hxx
TDA2LFx
TDA2SXx
TDA2SGx
TDA2SAx
TDA2HGx
TDA2HVx
TDA2HFx
Pulse-Width Modulation
Subsystem (PWMSS)
PWMSS1
Yes
Yes
Yes
Yes
Yes
PWMSS2
Yes
Yes
Yes
Yes
Yes
PWMSS3
Yes
Yes
Yes
Yes
Yes
Universal Asynchronous
Receiver/Transmitter
UART
10
10
10
10
10
Universal Serial Bus
(USB3.0)
USB1
(SuperSpeed,
Dual-Role-
Device [DRD])
Yes
Yes
Yes
Yes
Yes
Universal Serial Bus
(USB2.0)
USB2
(HighSpeed,
Dual-Role-
Device [DRD],
with embedded
HS PHY
Yes
Yes
Yes
Yes
Yes
USB3
(HighSpeed,
OTG2.0, with
ULPI)
Yes
Yes
Yes
Yes
Yes
USB4
(HighSpeed,
OTG2.0, with
ULPI)
Yes
Yes
Yes
Yes
Yes
(1) In the Unified L3 memory map, there is maximum of 2GB of SDRAM space which is available to all L3 initiators including MPU (MPU,
GPU, DSP, IVA, DMA, etc). Typically this space is interleaved across both EMIFs to optimize memory performance. If a system
populates > 2GB of physical memory, that additional addressable space can be accessed only by the MPU via the Arm V7 Large
Physical Address Extensions (LPAE).
(2) For more details about the CTRL_WKUP_STD_FUSE_DIE_ID_2 register and Base PN bitfield, see the TDA2x SoC for Advanced Driver
Assistance Systems (ADAS) Silicon Revision 2.0, 1.x.
(3) X5777x is the base part number for the superset device. Software should constrain the features used to match the intended production
device. The Base PN register bitfield value is 0x3F.
3.1
Related Products
Automotive Processors
TDAx ADAS SoCs TI's TDAx Driver Assistance System-on-Chip (SoC) family offers scalable and open
solutions and a common hardware and software architecture for Advanced Driver Assistance
Systems (ADAS) applications including camera-based front (mono and stereo), rear,
surround view and night vision systems, and mid- and long-range radar and sensor fusion
systems.
Companion Products for TDA2 Review products that are frequently purchased or used in conjunction
with this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com