Electronic Components Datasheet Search
  English  ▼

X  

TMDS250 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMDS250
Description  2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS250 Datasheet(HTML) 2 Page - Texas Instruments

  TMDS250 Datasheet HTML 1Page - Texas Instruments TMDS250 Datasheet HTML 2Page - Texas Instruments TMDS250 Datasheet HTML 3Page - Texas Instruments TMDS250 Datasheet HTML 4Page - Texas Instruments TMDS250 Datasheet HTML 5Page - Texas Instruments TMDS250 Datasheet HTML 6Page - Texas Instruments TMDS250 Datasheet HTML 7Page - Texas Instruments TMDS250 Datasheet HTML 8Page - Texas Instruments TMDS250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
TMDS250
SLLS866 – AUGUST 2007
The TMDS250 provides two levels of receiver input equalization for different ranges of cable lengths. Each
TMDS receiver owns frequency responsive equalization circuits. When EQ sets low, the receiver supports the
input connection in short range HDMI cables. When EQ sets high, the receiver supports the input connection in
long range HDMI cables. The TMDS250 supports power saving operation. When a system is under standby
mode and there is no digital audio/visual content from a connected source, the 3.3-V supply voltage, VCC, can be
powered off to minimize power consumption from the TMDS inputs, outputs, and internal switching circuits. The
HPD, DDC, and source selection circuits are powered up by the 5-V supply voltage, VDD, to maintain the system
hot plug detect response, the DDC link from the selected source to the sink under system standby operation. The
device is characterized for operation from 0
°C to 70°C.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMDS250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com