Electronic Components Datasheet Search
  English  ▼

X  

TMDS250 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMDS250
Description  2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS250 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS250 Datasheet HTML 8Page - Texas Instruments TMDS250 Datasheet HTML 9Page - Texas Instruments TMDS250 Datasheet HTML 10Page - Texas Instruments TMDS250 Datasheet HTML 11Page - Texas Instruments TMDS250 Datasheet HTML 12Page - Texas Instruments TMDS250 Datasheet HTML 13Page - Texas Instruments TMDS250 Datasheet HTML 14Page - Texas Instruments TMDS250 Datasheet HTML 15Page - Texas Instruments TMDS250 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
S1
Clocking
S2
Input-1
kept HIGH
Input-2
kept LOW
tSX
tSX
A
B
A
B
Y
Z
Output
ten
tdis
Hi-Z
75mV
-75mV
75mV
-75mV
VDD
2
VDD
2
HPD1
HPD2
S2
0.4 V
2.4 V
SDA_SINK
SDA1
SDA2
S1
VDD
2
VDD
2
0V
GND
1.5V
1.5V
VDD
2
HPD_SINK
tpd(HPD)
tpd(HPD)
tsx(HPD)
tsx(DDC)
tpd(DDC)
tpd(DDC)
TMDS250
SLLS866 – AUGUST 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. TMDS Outputs Control Timing Definitions
Figure 7. Port Switch Timing Definitions
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMDS250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com