Electronic Components Datasheet Search
  English  ▼

X  

TMDS250 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMDS250
Description  2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS250 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMDS250 Datasheet HTML 16Page - Texas Instruments TMDS250 Datasheet HTML 17Page - Texas Instruments TMDS250 Datasheet HTML 18Page - Texas Instruments TMDS250 Datasheet HTML 19Page - Texas Instruments TMDS250 Datasheet HTML 20Page - Texas Instruments TMDS250 Datasheet HTML 21Page - Texas Instruments TMDS250 Datasheet HTML 22Page - Texas Instruments TMDS250 Datasheet HTML 23Page - Texas Instruments TMDS250 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
SINK
HDMI RX
DDC_SDA
DDC_SCL
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
3.3V
4.7kW
4.7kW
4.02kW 10%
mController
HPDx
SDAx
SCLx
Ax1/Bx1
Ax2/Bx2
Ax3/Bx3
Ax4/Bx4
EQ
S1
S2
HPD_SINK
SDA_SINK
SCL_SINK
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
VSadj
VDD
(5V)
VCC
(3.3V)
GND
SDA SCL
CEC
LOGIC
CEC
PHY
1kW
5V
47kW
CEC E-EDID
1kW
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
SOURCE
in general HDMI output
TMDS250
SLLS866 – AUGUST 2007
Figure 21. Two-Port HDMI Enabled DTV with TMDS250 – External Logic - CEC Commands Active
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TMDS250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com