Electronic Components Datasheet Search
  English  ▼

X  

TMDS250 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMDS250
Description  2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS250 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS250 Datasheet HTML 7Page - Texas Instruments TMDS250 Datasheet HTML 8Page - Texas Instruments TMDS250 Datasheet HTML 9Page - Texas Instruments TMDS250 Datasheet HTML 10Page - Texas Instruments TMDS250 Datasheet HTML 11Page - Texas Instruments TMDS250 Datasheet HTML 12Page - Texas Instruments TMDS250 Datasheet HTML 13Page - Texas Instruments TMDS250 Datasheet HTML 14Page - Texas Instruments TMDS250 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
TMDS
Driver
0 V or 3.6 V
50 W
50 W
_
+
IOS
50%
VOL
tsk(D)
VY
VZ
VOH
Data +
Data -
Clk+
Clk-
VideoPatterm
Generator
1000 mVpp
Differential
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Coax
<2" 50
TransmissionLine
TMDS250
RX
+
EQ
M
U
X
OUT
RX
+
EQ
M
U
X
OUT
<2" 50
TransmissionLine
<2" 50
TransmissionLine
<2" 50
TransmissionLine
SMA
SMA
SMA
SMA
SMA
SMA
SMA
SMA
AVcc
RT
RT
AVcc
RT
RT
Jitter Test
Instrument
Jitter Test
Instrument
TP3
TP2
TP1
HDMICables
TMDS250
SLLS866 – AUGUST 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Short Circuit Output Current Test Circuit
Figure 4. Definition of Intra-Pair Differential Skew
A.
HDMI 1.3 compliant cable when EQ = Low, and 10m 28AWG input cable when EQ = High.
B.
All jitters are measured in BER of 10-9
C.
The residual jitter reflects the total jitter measured at the output of the DUT, TP3, subtract the total jitter from the
signal generator, TP1
Figure 5. Jitter Test Circuit
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMDS250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com