Electronic Components Datasheet Search
  English  ▼

X  

MP5026 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5026
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5026 Datasheet HTML 1Page - Monolithic Power Systems MP5026 Datasheet HTML 2Page - Monolithic Power Systems MP5026 Datasheet HTML 3Page - Monolithic Power Systems MP5026 Datasheet HTML 4Page - Monolithic Power Systems MP5026 Datasheet HTML 5Page - Monolithic Power Systems MP5026 Datasheet HTML 6Page - Monolithic Power Systems MP5026 Datasheet HTML 7Page - Monolithic Power Systems MP5026 Datasheet HTML 8Page - Monolithic Power Systems MP5026 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
5
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN (DC).........................................-0.3V to +20V
VIN (1μs) ....................................................... 24V
VIN (25ns) ..................................................... 29V
VOUT...............................................-0.3V to +20V
VOUT (200ns) .............................................. -1.5V
All other pins ................................-0.3V to +4.2V
Continuous power dissipation (TA = 25°C) (2)
................................................................. 4.09W
Junction temperature (TJ) .........................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +155°C
ESD Ratings (3)
Human body model (HBM)...................Class 1C
Charged-device model (CDM)...........Class C2B
Recommended Operating Conditions (4)
Input voltage (VIN) ............................2.7V to 16V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (5)
θJA
θJC
TLGA-26 (4mmx4mm) .......... 30.5 ....26.3 . °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can produce an excessive die
temperature, which may cause the regulator to go into
thermal
shutdown.
Internal
thermal
shutdown
circuitry
protects the device from permanent damage.
3) Followed
ANSI/ESDA/JEDEC
JS-001
for
HBM
and
ANSI/ESDA/JEDEC JS-002 for CDM.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on a JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com