Electronic Components Datasheet Search
  English  ▼

X  

MP5026 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5026
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5026 Datasheet HTML 1Page - Monolithic Power Systems MP5026 Datasheet HTML 2Page - Monolithic Power Systems MP5026 Datasheet HTML 3Page - Monolithic Power Systems MP5026 Datasheet HTML 4Page - Monolithic Power Systems MP5026 Datasheet HTML 5Page - Monolithic Power Systems MP5026 Datasheet HTML 6Page - Monolithic Power Systems MP5026 Datasheet HTML 7Page - Monolithic Power Systems MP5026 Datasheet HTML 8Page - Monolithic Power Systems MP5026 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP5026
16V, 20A, 2.8m
Ω RDS(ON),
Hot-Swap Intelli-Fuse Solution
MP5026 Rev. 1.0
MonolithicPower.com
1
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP5026 is a hot-swap protection device
designed to protect circuitry on its output from
transients on its input. It also protects its input
from undesired shorts and transients from its
output. The device can achieve up to 20A of
continuous output current (IOUT) per device at
room temperature.
The MP5026 limits the inrush current to the
load when a circuit card is inserted into a live
backplane power source. This limits the power
supply voltage drop. The MP5026 also limits
the
internal
MOSFET
current
(IFET)
by
controlling the gate voltage (VGATE) via a low-
power resistor connected between the ISET pin
and ground as well as soft-start ramp.
The MP5026 offers many features to simplify
system design, such as an integrated current
mirror that monitors IOUT and the integrated on-
die temperature sense. This eliminates the
need for an external current-sense power
resistor, power MOSFET, and temperature-
sense device.
The maximum load at the output is current-
limited via sense MOSFET topology. The
current limit is controlled by a low-power
resistor connected between ISET and ground.
The
MP5026
provides
a
variety
of
fault
protections, including over-current protection
(OCP), short-circuit protection (SCP), over-
temperature
protection
(OTP),
damaged
MOSFET
detection,
over-voltage
protection
(OVP), and under-voltage protection (UVP).
The
MP5026
is
available
in
an
LGA-26
(4mmx4mm) package.
FEATURES
• 2.7V to 16V Operating Input Voltage (V
IN)
Range
• Up to 20A Output Current (I
OUT)
• 2.8mΩ Integrated Power MOSFET
• ±1% IMON Reporting Accuracy
• Built-In MOSFET Driver
• 3.3V Low-Dropout (LDO) Output
• Built-In Insertion Delay
• Configurable Soft Start (SS)
• Power Good (PG) Indication
• Fault Signal Output (FLTB)
• Integrated Current Sense with Sense
Output (IMON)
• Configurable Over-Voltage Protection (OVP)
Threshold
• Configurable Over-Current (OC) Limit
• Configurable Over-Current Protection (OCP)
Fault Regulation Time
• Output Short-Circuit Protection (SCP)
• Over-Temperature Protection (OTP)
• Latch-Off Protection Mode
• Built-In Fuse Health Detection
• Available in an LGA-26 (4mmx4mm)
Package
APPLICATIONS
• Hot Swap
• PC Cards
• Disk Drives
• Servers
• Networking
• Laptops
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS”, the MPS logo, and “Simple, Easy Solutions” are
registered trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP5026

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP502 MCC-MP502 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP502 MCC-MP502 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP502 LRC-MP502 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP502 SHUNYE-MP502 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
MP502 SHUNYE-MP502 Datasheet
164Kb / 2P
PRESS-FIT MOTOROLA DIODES
More results

Similar Description - MP5026

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Linear Technology
LTC4234 LINER-LTC4234_15 Datasheet
409Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
Linear Technology
LTC4234 LINER-LTC4234 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
ON Semiconductor
NCP81295 ONSEMI-NCP81295 Datasheet
1Mb / 24P
Hot Swap Smart Fuse
April, 2020 ??Rev. 12
logo
Monolithic Power System...
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com