Electronic Components Datasheet Search
  English  ▼

X  

MP5026 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5026
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5026 Datasheet HTML 2Page - Monolithic Power Systems MP5026 Datasheet HTML 3Page - Monolithic Power Systems MP5026 Datasheet HTML 4Page - Monolithic Power Systems MP5026 Datasheet HTML 5Page - Monolithic Power Systems MP5026 Datasheet HTML 6Page - Monolithic Power Systems MP5026 Datasheet HTML 7Page - Monolithic Power Systems MP5026 Datasheet HTML 8Page - Monolithic Power Systems MP5026 Datasheet HTML 9Page - Monolithic Power Systems MP5026 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
6
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, RISET = 12kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Quiescent current
IQ_IN
Intelli-Fuse is on, no load
2.1
2.7
mA
Fault protection, latch-off
mode
1.9
2.4
mA
Intelli-Fuse is off,
EN/UV = 0, VIN = 12V
1.6
2.5
mA
Intelli-Fuse is off,
EN/UV = 0, VIN = 16V
1.65
2.5
mA
VCC Regulator and Under-Voltage Lockout (UVLO)
VCC regulator output voltage
VCC
IVCC = 0mA
3.1
3.37
3.5
V
IVCC = 10mA
3.36
V
IVCC = 20mA
3.35
V
VCC under-voltage lockout (UVLO)
rising threshold
VCC_VTH_R
2.36
2.46
2.56
V
VCC UVLO falling threshold
VCC_VTH_F
2.2
2.3
2.4
V
VCC UVLO hysteresis
VCC_HYS
160
mV
VIN Regulator and UVLO
VIN UVLO rising threshold
VIN_VTH_R
2.46
2.56
2.66
V
VIN UVLO falling threshold
VIN_VTH_F
2.3
2.4
2.5
V
VIN UVLO hysteresis
VIN_HYS
160
mV
Enable and VIN UVLO (EN/UV)
EN/UV input rising threshold
VEN_R
1.15
1.21
1.27
V
EN/UV input falling threshold
VEN_F
1.05
1.1
1.17
V
EN/UV hysteresis
VEN_HYS
110
mV
EN/UV blanking time
tEN/UV_BLANK
Cycle the power on EN/UV
1.3
ms
Over-Voltage (OV)
OV input rising threshold
VOV_R
1.15
1.21
1.27
V
OV input falling threshold
VOV_F
1.075
1.135
1.195
V
OV hysteresis
VOV_HYS
75
mV
Power MOSFET
On resistance
RDS(ON)
TJ = 25°C, IOUT = 2A,
VIN = 12V
2.8
mΩ
TJ = 25°C, IOUT = 2A,
VIN = 2.7V
2.8
TJ = 125°C, IOUT = 2A,
VIN = 12V (6)
3.8
TJ = 125°C, IOUT = 2A,
VIN = 2.7V (6)
3.8
Off-state leakage current
IOFF
VIN = 16V, power MOSFET
off
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com