Electronic Components Datasheet Search
  English  ▼

X  

MP5026 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5026
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5026 Datasheet HTML 5Page - Monolithic Power Systems MP5026 Datasheet HTML 6Page - Monolithic Power Systems MP5026 Datasheet HTML 7Page - Monolithic Power Systems MP5026 Datasheet HTML 8Page - Monolithic Power Systems MP5026 Datasheet HTML 9Page - Monolithic Power Systems MP5026 Datasheet HTML 10Page - Monolithic Power Systems MP5026 Datasheet HTML 11Page - Monolithic Power Systems MP5026 Datasheet HTML 12Page - Monolithic Power Systems MP5026 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
9
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, RISET = 12kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
1300
1400
1500
1600
1700
1800
1900
-40 -20
0
20 40 60 80 100 120 140
TEMPERATURE (°C)
Quiescent Current vs.
Temperature
EN is low
VIN=2.7V
VIN=12V
VIN=16V
1500
1700
1900
2100
2300
2500
2700
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE ( C)
Quiescent Current vs.
Temperature
EN is high
VIN=2.7V
VIN=12V
VIN=16V
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE ( C)
V
IN UVLO Threshold vs.
Temperature
VIN UVLO Rising
VIN UVLO Falling
1.05
1.07
1.09
1.11
1.13
1.15
1.17
1.19
1.21
1.23
1.25
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE ( C)
EN/UV Threshold vs.
Temperature
EN/UV Rising
EN/UV Falling
1.1
1.12
1.14
1.16
1.18
1.2
1.22
-40 -20 0
20 40 60 80 100 120 140
TEMPERATURE ( C)
OV Threshold vs. Temperature
OV Rising
OV Falling
0.57
0.58
0.59
0.6
0.61
0.62
0.63
-40 -20
0
20 40 60 80 100 120 140
TEMPERATURE ( C)
V
ISET vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com