Electronic Components Datasheet Search
  English  ▼

X  

MP8771 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8771
Description  18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8771 Datasheet HTML 13Page - Monolithic Power Systems MP8771 Datasheet HTML 14Page - Monolithic Power Systems MP8771 Datasheet HTML 15Page - Monolithic Power Systems MP8771 Datasheet HTML 16Page - Monolithic Power Systems MP8771 Datasheet HTML 17Page - Monolithic Power Systems MP8771 Datasheet HTML 18Page - Monolithic Power Systems MP8771 Datasheet HTML 19Page - Monolithic Power Systems MP8771 Datasheet HTML 20Page - Monolithic Power Systems MP8771 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP8771 – 18V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8771 Rev. 1.11
www.MonolithicPower.com
17
2/24/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
An external resistor divider is used to set the
output voltage. First, choose a value for R2. R2
should be chosen reasonably, since a small R2
leads to considerable quiescent current loss,
while a large R2 makes FB noise-sensitive. R2
is recommended to be between 2 - 100kΩ.
Typically, set the current through R2 to be
below 250µA for a good balance between
system stability and no-load loss. Then
determine R1 with Equation (3):
OUT
REF
REF
VV
R1
R2
V

(3)
The feedback circuit is shown in Figure 7.
Figure 7: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
L (μH)
Cf
(pF)
Rt
(kΩ)
1.0
20
30
0.56
56
1
1.2
20
20
0.56
56
1
1.5
20
13
0.56
56
1
1.8
20
10
0.82
56
1
2.5
20
6.34
0.82
56
1
3.3
20
4.42
1
56
1
5
20
2.7
1.2
56
1
Selecting the Inductor
An inductor is necessary for supplying constant
current to the output load while being driven by
the switched input voltage. A larger-value
inductor results in less ripple current and a
lower output ripple voltage but also has a larger
physical footprint, higher series resistance, and
lower saturation current. A good rule for
determining the inductance value is to design
the peak-to-peak ripple current in the inductor
to be in the range of 30 - 40% of the maximum
output current, and ensure that the peak
inductor current is below the maximum switch
current limit. The inductance value can be
calculated with Equation (4):
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
 

(4)
Where ∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current, where the
peak inductor current can be calculated with
Equation (5):
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2F
L
V

 
(5)
MPS inductors are optimized and tested for use
with our complete line of integrated circuits.
Table 2 lists our power inductor
recommendations. Select a part number based
on your design requirements.
Table 2: Power Inductor Selection
Part Number
Inductor
Value
Manufacturer
Select family
series (MPL-AY)
0.56µH to
1.2µH
MPS
MPL-AY1265-R56
0.56μH
MPS
MPL-AY1265-R82
0.82μH
MPS
MPL-AY1265-1R0
1μH
MPS
MPL-AY1265-1R2
1.2μH
MPS
Visit MonolithicPower.com under Products >
Inductors for more information.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter while maintaining the DC input
voltage. For the best performance, use ceramic
capacitors placed as close to VIN as possible.
Capacitors
with
X5R
and
X7R
ceramic
dielectrics are recommended because they are
fairly stable with temperature fluctuations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com