Electronic Components Datasheet Search
  English  ▼

X  

MP8771 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8771
Description  18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8771 Datasheet HTML 2Page - Monolithic Power Systems MP8771 Datasheet HTML 3Page - Monolithic Power Systems MP8771 Datasheet HTML 4Page - Monolithic Power Systems MP8771 Datasheet HTML 5Page - Monolithic Power Systems MP8771 Datasheet HTML 6Page - Monolithic Power Systems MP8771 Datasheet HTML 7Page - Monolithic Power Systems MP8771 Datasheet HTML 8Page - Monolithic Power Systems MP8771 Datasheet HTML 9Page - Monolithic Power Systems MP8771 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MP8771 – 18V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8771 Rev. 1.11
www.MonolithicPower.com
6
2/24/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 1V, L = 0.56µH, TA = 25°C, unless otherwise noted.
Efficiency vs. Load Current
VOUT = 1V, L = 0.56μH, DCR = 1.5mΩ
Efficiency vs. Load Current
VOUT = 1.2V, L = 0.56μH, DCR = 1.5mΩ
60
65
70
75
80
85
90
95
100
02468
10
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
60
65
70
75
80
85
90
95
100
02
468
10
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
Efficiency vs. Load Current
VOUT = 1.5V, L = 0.56μH, DCR = 1.5mΩ
Efficiency vs. Load Current
VOUT = 1.8V, L = 0.82μH, DCR = 0.9mΩ
60
65
70
75
80
85
90
95
100
0
246
8
10
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
60
65
70
75
80
85
90
95
100
02
46
8
10
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
Efficiency vs. Load Current
VOUT = 2.5V, L = 0.82μH, DCR = 0.9mΩ
Efficiency vs. Load Current
VOUT = 3.3V, L = 1μH, DCR = 1.35mΩ
70
75
80
85
90
95
100
02
468
10
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V
70
75
80
85
90
95
100
0
2468
10
LOAD CURRENT(A)
VIN=5V
VIN=12V
VIN=18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com