Electronic Components Datasheet Search
  English  ▼

X  

MP8771 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8771
Description  18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8771 Datasheet HTML 1Page - Monolithic Power Systems MP8771 Datasheet HTML 2Page - Monolithic Power Systems MP8771 Datasheet HTML 3Page - Monolithic Power Systems MP8771 Datasheet HTML 4Page - Monolithic Power Systems MP8771 Datasheet HTML 5Page - Monolithic Power Systems MP8771 Datasheet HTML 6Page - Monolithic Power Systems MP8771 Datasheet HTML 7Page - Monolithic Power Systems MP8771 Datasheet HTML 8Page - Monolithic Power Systems MP8771 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MP8771 – 18V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8771 Rev. 1.11
www.MonolithicPower.com
3
2/24/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
VIN.................................................. -0.3V to +20V
VSW ........................................ -0.3V (-5V < 10ns)
to VIN + 0.7V (23V < 10ns)
VBST........................................................VSW + 4V
VEN...................................................................VIN
All other pins ................................... -0.3V to +4V
Continuous power dissipation (TA = +25°C) (2)
..................................................................... 3.2W
Junction temperature ................................ 150°C
Lead temperature...................................... 260°C
Storage temperature...................-65°C to 125°C
ESD Rating
Human-body model (HBM).....................±2000V
Charged-device model (CDM)................±2000V
Recommended Operating Conditions (3)
Supply voltage (VIN) ............................ 3V to 18V
Output voltage (VOUT)............. 0.6V to VIN * DMAX
or 12V max
Operating junction temp. (TJ)....-40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-16 (3mmx3mm)
EV8771-Q-00A(4) .................. 38 ....... 10 .....°C/W
JESD51-7 (5) ......................... 50 ....... 12 .....°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation on
EV8771-Q-00A board at any ambient temperature is
calculated by PD (MAX) = (TJ (MAX)-TA)/θJA. Exceeding the
maximum allowable power dissipation produces an excessive
die temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on EV8771-Q-00A, 4-layer PCB.
5) The value of θJA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com