Electronic Components Datasheet Search
  English  ▼

X  

MP8771 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8771
Description  18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8771 Datasheet HTML 1Page - Monolithic Power Systems MP8771 Datasheet HTML 2Page - Monolithic Power Systems MP8771 Datasheet HTML 3Page - Monolithic Power Systems MP8771 Datasheet HTML 4Page - Monolithic Power Systems MP8771 Datasheet HTML 5Page - Monolithic Power Systems MP8771 Datasheet HTML 6Page - Monolithic Power Systems MP8771 Datasheet HTML 7Page - Monolithic Power Systems MP8771 Datasheet HTML 8Page - Monolithic Power Systems MP8771 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP8771
18V, 10A, 700kHz, High-Efficiency,
Synchronous, Step-Down Converter
MP8771 Rev. 1.11
www.MonolithicPower.com
1
2/24/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP8771 is a fully integrated, high-
frequency, synchronous, rectified, step-down,
switch-mode converter with internal power
MOSFETs. The MP8771 offers a very compact
solution that achieves 10A of continuous output
current with excellent load and line regulation
over a wide input range. The MP8771 uses
synchronous
mode
operation
for
higher
efficiency over the output current load range.
Constant-on-time
(COT)
control
operation
provides very fast transient response, easy loop
design, and very tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP8771 requires a minimal number of
readily
available,
standard,
external
components and is available in a space-saving
QFN-16 (3mmx3mm) package.
FEATURES
 Wide 3V to 18V Operating Input Range
 10A Output Current
 17mΩ/8mΩ Low RDS(ON) Internal Power
MOSFETs
 100μA Quiescent Current
 Output Adjustable from 0.6V
 High-Efficiency Synchronous Mode
Operation
 Pre-Biased Start-Up
 Fixed 700kHz Switching Frequency
 External Programmable Soft Start-Up Time
 Enable (EN) and Power Good (PG) for
Power Sequencing
 Over-Current Protection (OCP) and Hiccup
 Thermal Shutdown
 Available in a QFN-16 (3mmx3mm)
Package
 The MPL-AY1265 Inductor Series Matches
Best Performance
APPLICATIONS
 Security Cameras
 Portable Devices, XDSL Devices
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 General Purposes
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Efficiency vs. Load Current
VOUT = 1V, L = 0.56μH, DCR = 1.5mΩ
60 
65 
70 
75 
80 
85 
90 
95 
100 
024
68
10
LOAD CURRENT(A)
VIN=5V
VIN=12V


Similar Part No. - MP8771

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8771GQ MPS-MP8771GQ Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
More results

Similar Description - MP8771

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MPQ8636A-10 MPS-MPQ8636A-10 Datasheet
1Mb / 22P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8762H MPS-MP8762H Datasheet
2Mb / 36P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com