Electronic Components Datasheet Search
  English  ▼

X  

SGM3003XMS/TR Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM3003XMS/TR
Description  Ultra Low ON-Resistance, Low Voltage, SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3003XMS/TR Datasheet(HTML) 4 Page - SG Micro Corp

  SGM3003XMS/TR Datasheet HTML 1Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 2Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 3Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 4Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 5Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 6Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 7Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 8Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SGM3003
4
ELECTRICAL CHARACTERISTICS
(V+ = +3 V ± 10%, GND = 0 V, TA = - 40°C to +125°C, unless otherwise noted. Typical values are at TA = + 25°C.)
SGM3003
PARAMETER
SYMBOL
CONDITIONS
+25℃
- 40℃ to
+125℃
UNITS
MIN/
MAX
ANALOG SWITCH
0
V
MIN
Analog Signal Range
VNO, VNC, VCOM
V+
V
MAX
0.6
Ω
TYP
On-Resistance
RON
0 ≤ VNO or VNC ≤ V+, ICOM = −10 mA,
Test Circuit 1
1.0
1.3
Ω
MAX
0.18
Ω
TYP
On-Resistance Flatness
RFLAT(ON)
0 ≤ VNO or VNC ≤ V+, ICOM = −10 mA,
Test Circuit 1
0.3
0.4
Ω
MAX
LEAKAGE CURRENTS
±5
nA
TYP
Source OFF Leakage current
INC(OFF), INO(OFF)
VNO or VNC = 3V/1V, VCOM = 1V/3V,
V+ = +3.3V ,Test Circuit 2
±11
±1000
nA
MAX
±5
nA
TYP
Channel ON Leakage current
INC(ON), INO(ON),
ICOM(ON)
VNO or VNC = VCOM = 1V or 3V,
V+ = +3.3V , Test Circuit 3
±11
±1000
nA
MAX
DIGITAL INPUTS
Input High Voltage
VINH
2.0
V
MIN
Input Low Voltage
VINL
0.4
V
MAX
±0.01
µA
TYP
Input Current
IINL or IINH
VIN = VINH or VINH
±0.1
±1
µA
MAX
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO or VNC = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 4
32
ns
TYP
Turn-Off Time
tOFF
VNO or VNC = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 4
20
ns
TYP
Charge Injection,
Q
CL = 1.0nF, VG = 0V, RG = 0, Test Circuit 5
10
pC
TYP
Break-Before-Make Time
Delay
tD
VNO1 or VNC1 = VNO2 or VNC2 = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 6
12
ns
TYP
f = 100KHz
-55
dB
TYP
Off Isolation
OISO
RL = 50Ω, CL = 5pF,
Test Circuit 7
f = 10KHz
-75
dB
TYP
Total Harmonic Distortion
THD
f = 20Hz to 20KHz, VCOM = 2VP-P,
RL = 600Ω, CL = 50pF
0.06
%
TYP
Bandwidth –3 dB
BW
RL = 50Ω, CL = 5pF, Test Circuit 8
30
MHz
TYP
Source OFF Capacitance
CNC(OFF), CNO(OFF)
82
pF
TYP
Channel ON Capacitance
CNC(ON), CNO(ON),
CCOM(ON)
380
pF
TYP
POWER REQUIREMENTS
0.001
µA
TYP
Power Supply Current
I+
V+ = +3.3V, VIN = 0V or 3V
1
µA
MAX
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com