Electronic Components Datasheet Search
  English  ▼

X  

SGM3003XMS/TR Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM3003XMS/TR
Description  Ultra Low ON-Resistance, Low Voltage, SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3003XMS/TR Datasheet(HTML) 1 Page - SG Micro Corp

  SGM3003XMS/TR Datasheet HTML 1Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 2Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 3Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 4Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 5Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 6Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 7Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 8Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SGM3003
GENERAL DESCRIPTION
The SGM3003 is a single, low ON-resistance, low voltage,
bidirectional,
single-pole/double-throw
(SPDT)
CMOS
analog switches designed to operate from a single +1.8V to
+5.5V supply. Targeted applications
include
battery
powered equipment that benefit from low RON (0.5Ω) and
fast switching speeds (tON = 21 ns, tOFF = 9 ns).
The on resistance profile is very flat over the full analog
signal range. This ensures excellent linearity and low
distortion when switching audio signals.
SGM3003 has one normally open switch and one normally
closed switch,Each switch conducts equally well in both
directions when on.
SGM3003 is available in a MSOP-8 package.
APPLICATIONS
Battery powered, Handheld, and Portable Equipments
Cellular/mobile Phones
Laptops, Notebooks, Palmtops
Communication Systems
Sample-and-Hold Circuits
Audio Signal Routing
Audio and Video Switching
Portable Test and Measurement
Medical Equipment
Ultra Low ON-Resistance, Low
Voltage, SPDT Analog Switch
FEATURES
− Low Voltage Operation : 1. 8 V to 5. 5 V
− Low On-Resistance: 0. 5Ω(TYP)
− Low On-Resistance Flatness
− –3 dB Bandwidth: 30 MHz
− Fast Switching Time(V+ =5V)
tON 21 ns
tOFF 9 ns
− Rail-to-Rail Operation
− Typical Power Consumption (<0.01 µW)
− TTL/CMOS Compatible
− Microsize Package
PIN CONFIGURATIONS(TOP VIEW)
N.C.
1
2
3
4
5
6
7
8
NC
V+
IN
NO
GND
COM
N.C.
SGM3003
MSOP-8
N.C. = NO CONNECT
FUNCTION TABLE
LOGIC
NC
NO
0
ON
OFF
1
OFF
ON
REV. C
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com


Similar Part No. - SGM3003XMS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3003 SGMICRO-SGM3003_15 Datasheet
301Kb / 10P
Ultra Low ON-Resistance
More results

Similar Description - SGM3003XMS/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3001 SGMICRO-SGM3001 Datasheet
551Kb / 11P
Low ON-Resistance, Low Voltage, SPDT Analog Switch
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
logo
Intersil Corporation
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
November 17, 2004
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
September 25, 2007
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com