Electronic Components Datasheet Search
  English  ▼

X  

SGM3003XMS/TR Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM3003XMS/TR
Description  Ultra Low ON-Resistance, Low Voltage, SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3003XMS/TR Datasheet(HTML) 6 Page - SG Micro Corp

  SGM3003XMS/TR Datasheet HTML 1Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 2Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 3Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 4Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 5Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 6Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 7Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 8Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SGM3003
6
TEST CIRCUITS
V1
10mA
NO or NC
COM
VNO or VNC
RON = V1/10mA
Test Circuit 1. On Resistance
VCOM
NO or NC
COM
A
VNO or VNC
INC(OFF) or INO(OFF)
VCOM
NO or NC
COM
A
VNO or VNC
ICOM(ON)
Test Circuit 2: Off Leakage
Test Circuit 3: On Leakage
VOUT
NO or NC
COM
VNO or VNC
RL
300
Ω
V+
GND
CL
35pF
IN
0.1µF
V+
VOUT
VIN
50%
90%
50%
90%
tON
tOFF
Test Circuit 4: Switching Times
VOUT
NO or NC
COM
VG
V+
GND
CL
1nF
IN
0.1µF
V+
VOUT
VIN
RG
Δ
VOUT
ON
OFF
ON
V+
0V
VIN
Test Circuit 5: Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com