Electronic Components Datasheet Search
  English  ▼

X  

SGM3003XMS/TR Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM3003XMS/TR
Description  Ultra Low ON-Resistance, Low Voltage, SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3003XMS/TR Datasheet(HTML) 2 Page - SG Micro Corp

  SGM3003XMS/TR Datasheet HTML 1Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 2Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 3Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 4Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 5Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 6Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 7Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 8Page - SG Micro Corp SGM3003XMS/TR Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SGM3003
2
ORDERING INFORMATION
MODEL
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SGM3003
MSOP-8
- 40°C to +125°C
SGM3003XMS/TR
SGM3003XMS
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
V+ to GND....................................................................- 0.3V to +6V
Analog, Digital voltage range(1)..................... - 0.3V to V+ + 0.3V
Continuous Current NO, NC, or COM..........................±300mA
Peak Current NO, NC, or COM .....................................±500mA
Operating Temperature Range...........................- 40°C to +125°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Package Thermal Resistance @ TA = 25℃
MSOP-8, θJA.....................................................................................216 /W
℃
Lead Temperature (soldering, 10s).......................................260°C
ESD Susceptibility
HBM..........................................................................................2000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
(1)
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum
current ratings.
PIN DESCRIPTION
NAME
PIN
FUNCTION
V+
4
Power supply
GND
3
ground
IN
6
Digital control pin to connect the COM terminal to the NO or NC terminals
COM
1
Common terminal
NO
8
Normally-open terminal
NC
2
Normally-closed terminal
N.C.
5, 7
No internal connection
Note: NO, NC and COM terminal may be an input or output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com