Electronic Components Datasheet Search
  English  ▼

X  

FF01 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FF01
Description  Low Profile E-STOP Switches Only 13.6mm Behind-Panel Shortest E-Stop Switch in its Class
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FF01 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  FF01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Two Reset Methods: Pull orTurn
Switch can be reset either by pulling or
turning.
Behind-Panel Depth of 13.6 mm
The sliding latch mechanism achieves the
industry’s shortest behind-panel depth in its
Class.* The low-profile housing enables high
density behind-panel layouts.
* (Industry’s shortest body length including terminals as of
November 2019, based on in-house research)
・UL, C-UL (UL508)
・EN60947-5-1, EN60947-5-5
Sliding Latch Mechanism
Our original sliding latch mechanism
features an inclined switch center section
for the latch to maintain secure current
contact. When the contact is in ON
position, this mechanism permits only forces
in the contact connecting direction. When
OFF, the mechanism permits only forces
in the contact releasing direction. In the
event of vibration or impact, the contact will
resist movement in the connecting direction,
thereby maintaining the OFF state for
added safety. (Patent pending)
Rating
24 V DC, 0.5 A
Front Panel Seal Structure
The front panel sealing mechanism
meets the IEC 60529 IP65
requirements.
Actuator Size Just 25 mm in
Diameter
Measuring only 25 mm in diameter, the
small actuator allows installation on a
densely embedded panel. Actuators are
available in 25 mm or 30 mm diameter to
enable low-profile equipment and space-
saving installation.
Only 13.6mm Behind-Panel Depth - Shortest E-Stop Switch in its Class
*
Portable equipment and handheld devices, including
compact remote controls (teaching pendants)
If you need further information on standards or
certifications, please contact our sales department.
Applications
Sale Start Date
May 12, 2020
FF01 Series Low Profile E-STOP Switches
2
www.nkkswitches.eu
mm
13.6
Industry’s
Shortest
Depth
in Class
30 mm type
25 mm type
mm
13.6
25
30
世界
最短胴
クラス
mm
mm
13.6
世界
最短胴
クラス
グループ化済み
グループ化してない
Pull to reset
Turn to reset
mm
13.6
25
30
世界
最短胴
クラス
mm
mm
13.6
世界
最短胴
クラス
グループ化済み
グループ化してない
Pull to reset
Turn to reset
mm
13.6
25
30
世界
最短胴
クラス
mm
mm
13.6
世界
最短胴
クラス
グループ化済み
グループ化してない
Pull to reset
Turn to reset



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com