Electronic Components Datasheet Search
  English  ▼

X  

FF01 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FF01
Description  Low Profile E-STOP Switches Only 13.6mm Behind-Panel Shortest E-Stop Switch in its Class
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FF01 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  FF01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
General Specifications
General Specifications
Rated Operating Voltage
Rated Operating Current
Resistive load: 24 V DC, 0.5 A
* UL, TÜV certified rating
Nominal Operating
Force
15 N
Rated Insulation Voltage
36 V DC
Pretravel
3 mm
Rated Withstand
Impulse Voltage
2.5 kV
Total Travel
Approx. 4.5 mm
Sealing
Front panel: IP65
Contact Resistance
50 mΩ maximum (initial value)
Pollution Degree
3
Insulation Resistance
100 MΩ (at 500 V DC)
Short-circuit
gG 10 A
Overvoltage Category
II
Conditional Short-circuit
Current
1000 A
Operation Frequency
10 times/min.
Operating Temperature
Range
-25 to 60°C
Shock Resistance
Durability: 1,000 m/s2
Malfunction: 150 m/s2
Storage Temperature
Range
-45 to 80°C
Operating Force
(Initial Value)
Push to lock: 10.8 N
Pull to reset: 8.5 N
Turn to reset: 0.13 N·m
Vibration Resistance
Durability: 10 to 500 Hz, half amplitude:
0.35 mm, acceleration: 50 m/s2
Malfunction:10 to 500 Hz, half amplitude:
0.35 mm, acceleration: 50 m/s2
Contact Point
N/C
Mechanical
/Electrical Life
Mechanical, electrical:
100,000 operations minimum (resistive load),
6,050 times minimum (inductive load (DC-13))
Soldering
Soldering: 390°C maximum,
within 4 seconds
Recommended fixing
nut mounting torque
785 mN·m
TYPICAL SWITCH ORDERING EXAMPLE
3
FF01 Series Low Profile E-STOP Switches
www.nkkswitches.eu
FF01
B
6
1
C
A01
Poles
1
SPST
2
DPST
Actuator Size
A
25mm
B
30mm
Actuator Legend
A
Arrows
E
No Legend
Circuit
6
Latchdown
Contact Point
B
N/C
Actuator Color
C
Red
Housing
E
Yellow
Contact
/Terminal Shape
A01 Gold over Silver
/Solder Lug
A
E
A
* UL, TÜV certified rating
• UL certified rating: 24 V DC, 0.5 A (inductive load)
• TÜV certified rating: 24 V DC, 0.5 A (inductive load)
* Minimum applicable load (reference value): 5 V DC, 1 mA
(Usage conditions and load types may affect the allowable operating range.)
25mm Actuator
30mm Actuator
Poles
No Legend
Arrows Legend
No Legend
Arrows Legend
SPST
FF0116BACEEA01
FF0116BACAEA01
FF0116BBCEEA01
FF0116BBCAEA01
DPST
FF0126BACEEA01
FF0126BACAEA01
FF0126BBCEEA01
FF0126BBCAEA01
External view



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com