Electronic Components Datasheet Search
  English  ▼

X  

FF01 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FF01
Description  Low Profile E-STOP Switches Only 13.6mm Behind-Panel Shortest E-Stop Switch in its Class
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FF01 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  FF01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FF01 Series
(Φ25,Φ30)
Low Profile E-STOP Switches
Innovation Driving Quality
Low Profile E-STOP Switches
Only 13.6mm Behind-Panel
Shortest E-Stop Switch in its Class
CONTACT No.360
New Products
FF01 Series
Low Profile E-STOP Switches
NKK SWITCHES CO., LTD.
Innovation Driving Quality


Similar Part No. - FF01

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
FF018 STEGO-FF018 Datasheet
384Kb / 1P
FILTER FAN
20.03.2015
FF018 STEGO-FF018_V01 Datasheet
349Kb / 1P
FILTER FAN
20.03.2015
FF018 STEGO-FF018_V02 Datasheet
587Kb / 2P
FILTER FAN
20.03.2015
FF018 STEGO-FF018_V03 Datasheet
332Kb / 1P
OUTDOOR FILTER FAN
28.04.2016
More results

Similar Description - FF01

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2ESS1 ALTECH-2ESS1 Datasheet
200Kb / 1P
E-Stop Shroud 2ESS1
logo
Schneider Electric
XY2CE1A250EX SCHNEIDER-XY2CE1A250EX Datasheet
123Kb / 4P
e-stop rope pull switch XY2CE - RH side -1NC 1NO - booted pushbutton
Jan 19, 2021
XY2CE1A270EX SCHNEIDER-XY2CE1A270EX Datasheet
122Kb / 4P
e-stop rope pull switch XY2CE - RH side -2NC - booted pushbutton
Jan 19, 2021
XY2CE1A470EX SCHNEIDER-XY2CE1A470EX Datasheet
123Kb / 4P
e-stop rope pull switch XY2CE - RH side -2NC - key-release pushbutton
Jan 19, 2021
XY2CE2A250EX SCHNEIDER-XY2CE2A250EX Datasheet
133Kb / 4P
e-stop rope pull switch XY2CE - LH side -1NC 1NO - booted pushbutton
Jan 19, 2021
XY2CE2A270EX SCHNEIDER-XY2CE2A270EX Datasheet
132Kb / 4P
e-stop rope pull switch XY2CE - LH side -2NC - booted pushbutton
Jan 19, 2021
XY2CEDA290EX SCHNEIDER-XY2CEDA290EX Datasheet
154Kb / 5P
Dual e-stop rope pull switch EX - 2x(1NC 1NO) - boot. pb
Jan 19, 2021
logo
IDEC Corporation
XN4E-TL403Q4MR IDEC-XN4E-TL403Q4MR Datasheet
2Mb / 4P
16, 22 & 30mm X Series E-Stop Switches
logo
Schneider Electric
9001K17R05 SCHNEIDER-9001K17R05 Datasheet
72Kb / 1P
30MM SNAP-IN MUSHROOM KNOB E-STOP
Dec 28, 2021
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com