Electronic Components Datasheet Search
  English  ▼

X  

FF01 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FF01
Description  Low Profile E-STOP Switches Only 13.6mm Behind-Panel Shortest E-Stop Switch in its Class
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FF01 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  FF01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. FF01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FF01 Series Low Profile E-STOP Switches
www.nkkswitches.eu
Instructions for AT220 Protective Guard
The product conforms to SEMI S2 / ISO13850.
Please read the instructions carefully to ensure correct product use.
Safety Precautions
• The protective guard is made exclusively for use with NKK’s FF01 Series and should not be used with other types of products.
• Read the FF01 Series Instruction Manual before switch installation, cable connection, operation, maintenance or inspection.
• Confirm power is off before installation, cable connection, maintenance, etc.
• When installing product on other equipment, be sure usage is in compliance with standards and regulations of your country or region, as
required for your system, equipment or facility.
Installation to Panel
(1) Remove the nut from the switch body.
(2) Insert the switch body into the protective guard from the front of the guard,
aligning notch on the O-ring with the anti-rotation tab on the switch body. Align
the anti-rotation tab on the switch body with the keyway on the guard.
(3) Align the anti-rotation tab on the back of the guard with the anti-rotation keyway
on the panel.
(4) Using the AT119 Fixing Nut Wrench, tighten the nut from the back of the panel
(recommended torque 785mN
•m).
Installation Height
The switch must be installed within 3 meters from the working position. (SEMI S2)
To install the switch with the protective guard onto semiconductor manufacturing
equipment, the mounting height range should be 838 mm to 1,638 mm. The
horizontal reach (maximum) should be between 178 mm and 254 mm. (SEMI S8)
Horizontal
reach
Installation
Height
Front end of
equipment
Anti-rotation Keyway
on Protective Guard
Anti-rotation
Tab on Protective
Guard
Anti-rotation
Keyway on Panel
Notch on
O-ring
Anti-rotation Tab
on Switch Body
Installation Height
1638 mm (64.5 in.)
1524 mm (60.0 in.)
1422 mm (56.0 in.)
1321 mm (52.0 in.)
1219 mm (48.0 in.)
1118 mm (44.0 in.)
1016 mm (40.0 in.)
914 mm (36.0 in.)
838 mm (33.0 in.)
Horizontal reach (max.)
254 mm (10.0 in.)
368 mm (14.5 in.)
432 mm (17.0 in.)
470 mm (18.5 in.)
483 mm (19.0 in.)
470 mm (18.5 in.)
394 mm (15.5 in.)
292 mm (11.5 in.)
178 mm ( 7.0 in.)
* To be in compliance with the SEMI standard, it is necessary that EMO (Emergency Off) is printed on the switch or on the inside of the guard.
* To confirm that the switch and protective guard mounted on a device are ISO compliant, see requirements of ISO13850.
To install the switch with the protective guard on equipment such as machine tools or processing equipment, the recommended height range is
between 600 mm and 1,700 mm from the floor or platform level (ISO13850). 
(SEMI S8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com