Electronic Components Datasheet Search
  English  ▼

X  

MP240D2 Datasheet(PDF) 14 Page - Opto 22

Part # MP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

MP240D2 Datasheet(HTML) 14 Page - Opto 22

Back Button MP240D2 Datasheet HTML 10Page - Opto 22 MP240D2 Datasheet HTML 11Page - Opto 22 MP240D2 Datasheet HTML 12Page - Opto 22 MP240D2 Datasheet HTML 13Page - Opto 22 MP240D2 Datasheet HTML 14Page - Opto 22 MP240D2 Datasheet HTML 15Page - Opto 22 MP240D2 Datasheet HTML 16Page - Opto 22 MP240D2 Datasheet HTML 17Page - Opto 22 MP240D2 Datasheet HTML 18Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
14
HS-series (cont.)
Thermal Ratings
A
B
A: Single relay or with 0.75” spacing between relays. Derate above 40 °C; subtract 0.5 amp/°C.
B: Three relays side by side with 0.25” spacing. All relays with the same load. Derate above 40 °C; subtract 0.4 amp/°C.
30
25
20
15
10
5
30
40
50
60
70
80
90 100
20
Ambient Temperature (°C)
30
25
20
15
10
5
30
40
50
60
70
80
90 100
20
Ambient Temperature (°C)
NOTE: This data is for SSRs mounted to a horizontal surface. To take advantage
of the cooling effect of natural air flow, we recommend mounting HS-series SSRs
to a vertical surface with the Opto 22 logo right side up as shown here.
A
B
3.21" (81.6 mm)
3.90" (99.1 mm)
3.50" (88.9 mm)
0.20" (5.1 mm)
1.25"
(31.8 mm)
4.81"
(122.2 mm)
1.75"
(44.5 mm)
0.25"
(6.4 mm)
Dimensional Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com