Electronic Components Datasheet Search
  English  ▼

X  

MP240D2 Datasheet(PDF) 19 Page - Opto 22

Part # MP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

MP240D2 Datasheet(HTML) 19 Page - Opto 22

Back Button MP240D2 Datasheet HTML 15Page - Opto 22 MP240D2 Datasheet HTML 16Page - Opto 22 MP240D2 Datasheet HTML 17Page - Opto 22 MP240D2 Datasheet HTML 18Page - Opto 22 MP240D2 Datasheet HTML 19Page - Opto 22 MP240D2 Datasheet HTML 20Page - Opto 22 MP240D2 Datasheet HTML 21Page - Opto 22 MP240D2 Datasheet HTML 22Page - Opto 22 MP240D2 Datasheet HTML 23Page - Opto 22  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
19
Heater Loads
Care should be taken in selecting a SSR for driving a heater
load if the load is cycled on and off in a continuous manner as
might occur in a temperature control application. Constant
cycling can cause thermal fatigue in the thyristor chip at the
point where the chip bonds to the lead frame. Opto 22
employs a thick copper lead frame for mounting the SCR chips
in the power series SSRs to eliminate thermal fatigue failures.
In addition, Opto 22 recommends operating any SSR at 75%
rated current for cycling heater loads to ensure complete
reliability.
The following table is a guide to selecting the proper SSR for a
given heater load.
Single-Phase Reversing Motor Control
The circuit diagram below illustrates a typical 1 Ø motor
winding inductance and the phase shift capacitor can cause
twice-line voltage to appear across the open SSR. A 240-volt
SSR should be used for a 120-volt line. During the transition
period when one SSR is turned on and the other SSR is going
off, both SSRs may be on. In this case, the capacitor may
discharge through the two SSRs, causing large currents to
flow, which may destroy the SSRs. The addition of RL as shown
will protect the SSRs from the short circuit capacitor discharge
current.
Single-Phase Reversing Motor Control (cont.)
The resistors are unnecessary if the control circuit is designed
to ensure that one SSR is off before the other SSR is on.
Three-Phase Motor Control
Three-phase motors may be controlled by solid-state relays as
shown. A third SSR as shown is optional, but not necessary.
The control windings may be connected in series or parallel.
Care should be taken to ensure that the surge current drawn
by the motor does not exceed the surge current rating of the
SSR.
Nominal SSR
Curren t Rating
Maximum
Recommended
Heater Current
2-Amp
1½-Amp
4-Amp
2½-Amp
10-Amp
7½-Amp
25-Amp
18-Amp
45-Amp
35-Amp
10 480V
8-Amp
10 480V
8-Amp
240 Volt Three-Phase Motor
SSR MODEL
MOTOR
Z240D10
3/4 HP
240D10
3/4 HP
240A10
3/4 HP
240D25
2 HP
240A25
2 HP
240D45
3 HP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com