Electronic Components Datasheet Search
  English  ▼

X  

MP240D2 Datasheet(PDF) 3 Page - Opto 22

Part # MP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

MP240D2 Datasheet(HTML) 3 Page - Opto 22

  MP240D2 Datasheet HTML 1Page - Opto 22 MP240D2 Datasheet HTML 2Page - Opto 22 MP240D2 Datasheet HTML 3Page - Opto 22 MP240D2 Datasheet HTML 4Page - Opto 22 MP240D2 Datasheet HTML 5Page - Opto 22 MP240D2 Datasheet HTML 6Page - Opto 22 MP240D2 Datasheet HTML 7Page - Opto 22 MP240D2 Datasheet HTML 8Page - Opto 22 MP240D2 Datasheet HTML 9Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
3
Power Series SSR Accessories
Safety Cover
A plastic safety cover (Opto 22 part number SAFETY COVER) is
available for use with Opto 22 Power Series SSRs. The safety
cover reduces the chance of accidental contact with relay
terminals, while providing access holes for test
instrumentation.
SSR-HS Heatsink
Custom designed for the Power Series SSRs, the SSR-HS
heatsink provides excellent heat dissipation when mounted to
the SSR with a matching thermal conductive pad, used in
place of silicon grease. One thermal pad is included with the
heatsink. Additional pads may be purchased in packs of 10
(part number SSR-THERMOPAD). DIN-rail adapter is included.
Thermal Ratings
The thermal ratings shown in the following graphs were
obtained with an SSR attached to a heatsink using a thermal
conductive pad.
45 Amp Relay on SSR-HS Heatsink Derating
25 Amp Relay on SSR-HS Heatsink Derating
Heatsink Assembly
Before attaching the SSR, remove the protective film from
both sides of the thermal pad, then place the pad on the
heatsink making sure to align the holes. Secure the SSR to the
heatsink with the two 8-32 x 3/8˝ panhead Phillips screws
included in the kit. Use 20 in-lb (2.26 N-m) of torque.
An optional plastic safety cover can be installed on a Power Series SSR.
V
H
30
25
20
15
10
5
30
40
50
60
70
80
90 100
20
Ambient Temperature (°C)
V: Heatsink mounted to a vertical surface
H: Heatsink mounted to a horizontal surface.
30
25
20
15
10
5
30
40
50
60
70
80
90 100
20
Ambient Temperature (°C)
V
H
V: Heatsink mounted to a vertical surface
H: Heatsink mounted to a horizontal surface.
Screws
Thermal conductive pad
Power Series SSR
(not included)
Heatsink
NOTE: To take advantage of the
cooling effect of natural air flow,
mount the SSR/heatsink assembly to
a vertical surface with the Opto 22
logo right side up as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com