Electronic Components Datasheet Search
  English  ▼

X  

MP240D2 Datasheet(PDF) 16 Page - Opto 22

Part # MP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

MP240D2 Datasheet(HTML) 16 Page - Opto 22

Back Button MP240D2 Datasheet HTML 12Page - Opto 22 MP240D2 Datasheet HTML 13Page - Opto 22 MP240D2 Datasheet HTML 14Page - Opto 22 MP240D2 Datasheet HTML 15Page - Opto 22 MP240D2 Datasheet HTML 16Page - Opto 22 MP240D2 Datasheet HTML 17Page - Opto 22 MP240D2 Datasheet HTML 18Page - Opto 22 MP240D2 Datasheet HTML 19Page - Opto 22 MP240D2 Datasheet HTML 20Page - Opto 22 Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
16
Sample Calculation 2
240-volt,18-amp load, 25 °C ambient air temperature
Model: 240D45
See the last two columns of the table on page 4 for thermal resistance and dissipation values for the 240D45. Also, see the note at
the bottom of the table.
Dissipation: 0.9 watts/amp
Thermal resistance: 0.67 °C/watt
Maximum junction temperature: 110 °C
The calculation would be as follows:
Duty Cycle Calculation
When solid-state relays are operated in an on/off mode, it may be advantageous to calculate the RMS value of the current through
the SSR for heat sinking or determining the proper current rating of the SSR for the given application.
This calculation indicates that you should
select a heat sink with a thermal resistance
of less than 4.6 °C/watt.
IRMS = RMS value of load or SSR
T1 = Time current is on
T2 = Time current is off
ION = RMS value of load current during on period
I RMS =
T1 + T2
(ION)
2 x T
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com